Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD13280/PCB Datasheet(PDF) 7 Page - Analog Devices

Part # AD13280/PCB
Description  Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD13280/PCB Datasheet(HTML) 7 Page - Analog Devices

Back Button AD13280/PCB Datasheet HTML 3Page - Analog Devices AD13280/PCB Datasheet HTML 4Page - Analog Devices AD13280/PCB Datasheet HTML 5Page - Analog Devices AD13280/PCB Datasheet HTML 6Page - Analog Devices AD13280/PCB Datasheet HTML 7Page - Analog Devices AD13280/PCB Datasheet HTML 8Page - Analog Devices AD13280/PCB Datasheet HTML 9Page - Analog Devices AD13280/PCB Datasheet HTML 10Page - Analog Devices AD13280/PCB Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
AD13280
Rev. C | Page 7 of 28
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Ratings
ELECTRICAL1
AVCC Voltage
0 V to 7 V
AVEE Voltage
−7 V to 0 V
DVCC Voltage
0 V to 7 V
Analog Input Voltage
VEE to VCC
Analog Input Current
−10 mA to +10 mA
Digital Input Voltage (ENCODE)
0 to VCC
ENCODE, ENCODE Differential Voltage
4 V max
Digital Output Current
−10 mA to +10 mA
ENVIRONMENTAL1
Operating Temperature Range (Case)
−40°C to +85°C
Maximum Junction Temperature
175°C
Lead Temperature (Soldering, 10 sec)
300°C
Storage Temperature Range (Ambient)
−65°C to +150°C
1 Typical thermal impedance for ES package: θJC 2.2°C/W; θJA 24.3°C/W.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
EXPLANATION OF TEST LEVELS
I.
100% production tested.
II.
100% production tested at 25°C, and sample tested
at specified temperatures. AC testing done on a
sample basis.
III.
Sample tested only.
IV.
Parameter guaranteed by design and characterization
testing.
V.
Parameter is a typical value only.
VI.
100% production tested with temperature at 25°C, and
sample tested at temperature extremes.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com