Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD13280/PCB Datasheet(PDF) 1 Page - Analog Devices

Part # AD13280/PCB
Description  Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD13280/PCB Datasheet(HTML) 1 Page - Analog Devices

  AD13280/PCB Datasheet HTML 1Page - Analog Devices AD13280/PCB Datasheet HTML 2Page - Analog Devices AD13280/PCB Datasheet HTML 3Page - Analog Devices AD13280/PCB Datasheet HTML 4Page - Analog Devices AD13280/PCB Datasheet HTML 5Page - Analog Devices AD13280/PCB Datasheet HTML 6Page - Analog Devices AD13280/PCB Datasheet HTML 7Page - Analog Devices AD13280/PCB Datasheet HTML 8Page - Analog Devices AD13280/PCB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Dual-Channel, 12-Bit, 80 MSPS ADC
with Analog Input Signal Conditioning
AD13280
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2002–2008 Analog Devices, Inc. All rights reserved.
FEATURES
Dual 80 MSPS, minimum sample rate
Channel-to-channel matching, ±1% gain error
90 dB channel-to-channel isolation
DC-coupled signal conditioning
80 dB spurious-free dynamic range
Selectable bipolar inputs (±1 V and ±0.5 V ranges)
Integral single-pole, low-pass Nyquist filter
Twos complement output format
3.3 V compatible outputs
1.85 W per channel
APPLICATIONS
Radar processing (optimized for I/Q baseband operation)
Phased array receivers
Multichannel, multimode receivers
GPS antijamming receivers
Communications receivers
PRODUCT HIGHLIGHTS
1.
Guaranteed sample rate of 80 MSPS.
2.
Input signal conditioning; gain and impedance match.
3.
Single-ended, differential, or off-module filter option.
4.
Fully tested/characterized full channel performance.
FUNCTIONAL BLOCK DIAGRAM
TIMING
3
9
12
VREF
DROUT
12
ENCODEA
ENCODEA
D9A D10A D11A
(MSB)
D0B
(LSB)
D1B
D3B
D2B
D4B D5B D6B
D7B
D8B
TIMING
D9B
7
5
ENCODEB
ENCODEB
B–IN
D10B
D11B (MSB)
D0A (LSB)
D1A
D2A
D3A
D4A
D5A
D6A
D7A
D8A
AD13280
DROUTA
AMP-IN-B-2
AMP-IN-B-1
AMP-IN-A-2
AMP-IN-A-1
AMP-OUT-A
A–IN
A+IN
B+IN
AMP-OUT-B
DROUTB
VREF
DROUT
100Ω OUTPUT TERMINATORS
100Ω OUTPUT TERMINATORS
Figure 1.


Similar Part No. - AD13280/PCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD13280/PCB AD-AD13280/PCB Datasheet
1Mb / 20P
Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning
REV.0
More results

Similar Description - AD13280/PCB

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD10242 AD-AD10242 Datasheet
251Kb / 16P
Dual, 12-Bit, 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning
REV.A
AD10265 AD-AD10265 Datasheet
267Kb / 18P
Dual Channel, 12-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV.0
AD13280 AD-AD13280 Datasheet
1Mb / 20P
Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning
REV.0
AD13465 AD-AD13465 Datasheet
1Mb / 20P
Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV.0
AD10200 AD-AD10200 Datasheet
1Mb / 20P
Dual Channel, 12-Bit 105 MSPS IF Sampling A/D Converter with Analog Input Signal Conditioning
AD10465 AD-AD10465 Datasheet
2Mb / 20P
Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV.0
logo
Texas Instruments
ADS61B23 TI-ADS61B23 Datasheet
1Mb / 51P
12-BIT, 80-MSPS ADC WITH BUFFERED ANALOG INPUTS
logo
Analog Devices
AD9432 AD-AD9432_09 Datasheet
517Kb / 16P
12-Bit, 80 MSPS/105 MSPS ADC
Rev. F
AD13280 AD-AD13280_15 Datasheet
1Mb / 28P
Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
logo
Texas Instruments
VSP5324-Q1 TI1-VSP5324-Q1 Datasheet
1Mb / 59P
4-Channel, 12-Bit, 80-MSPS ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com