Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD13280/PCB Datasheet(PDF) 19 Page - Analog Devices

Part # AD13280/PCB
Description  Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD13280/PCB Datasheet(HTML) 19 Page - Analog Devices

Back Button AD13280/PCB Datasheet HTML 15Page - Analog Devices AD13280/PCB Datasheet HTML 16Page - Analog Devices AD13280/PCB Datasheet HTML 17Page - Analog Devices AD13280/PCB Datasheet HTML 18Page - Analog Devices AD13280/PCB Datasheet HTML 19Page - Analog Devices AD13280/PCB Datasheet HTML 20Page - Analog Devices AD13280/PCB Datasheet HTML 21Page - Analog Devices AD13280/PCB Datasheet HTML 22Page - Analog Devices AD13280/PCB Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
AD13280
Rev. C | Page 19 of 28
U8
29
30
31
32
33
34
35
36
37
38
39
40
43
44
45
46
47
48
41
42
R18, DNI
25
26
27
28
20
19
18
17
16
15
14
13
12
11
10
9
6
5
4
3
2
1
8
7
24
23
22
21
DUT_3.3VDA
DGNDA
DGNDA
DGNDA
DUT_3.3VDA
DGNDA
DGNDA
R17, DNI
R16, DNI
R40, DNI
R44, 100Ω
R45, 100Ω
R46, 100Ω
R15, 100Ω
R14, 100Ω
R23, 100Ω
R22, 100Ω
R21, 100Ω
R20, 100Ω
R19, 100Ω
R13, 100Ω
DUT_3.3VDA
DGNDA
DGNDA
DGNDA
DUT_3.3VDA
DGNDA
R47
0Ω
DGNDA
R7
50Ω
LATCHB
E58
NC0A
NC1A
(LSB) D0A
D1A
D2A
D3A
D4A
D5A
D6A
D7A
D8A
D9A
D10A
(MSB) D11A
F0A
F1A
F2A
F3A
B0A (LSB)
B1A
B2A
B3A
B4A
B5A
B6A
B7A
B8A
B9A
B10A
B11A (MSB)
DGNDA
74LCX16374
R24, 100Ω
R48
0Ω
113
112
VCC
111
110
GND
19
18
17
16
GND
15
13
12
GND
11
10
14
VCC
LE2
115
114
GND
O13
O12
VCC
O11
O10
GND
O9
O8
O7
O6
GND
O5
O3
O2
GND
O1
O0
O4
VCC
OE2
O15
O14
GND
LE1
OE1
DGNDA
1
40
C15
10µF
3.3VDA
J1
H40DM
(MSB) B11A
B10A
B9A
B8A
B7A
B6A
F1A
DGNDA
F2A
(LSB) B0A
B1A
B2A
B3A
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
B5A
B4A
R5
50Ω
E61
E60
E59
DGNDA
F3A
F0A
U7
29
30
31
32
33
34
35
36
37
38
39
40
43
44
45
46
47
48
41
42
R11, DNI
25
26
27
28
20
19
18
17
16
15
14
13
12
11
10
9
6
5
4
3
2
1
8
7
24
23
22
21
DUT_3.3VDB
DGNDB
DGNDB
DGNDB
DUT_3.3VDB
DGNDB
DGNDB
R10, DNI
R30, DNI
R29, DNI
R28, 100Ω
R27, 100Ω
R26, 100Ω
R12, 100Ω
R9, 100Ω
R35, 100Ω
R34, 100Ω
R33, 100Ω
R32, 100Ω
R31, 100Ω
R25, 100Ω
DUT_3.3VDB
DGNDB
DGNDB
DGNDB
DUT_3.3VDB
DGNDB
R49
0Ω
DGNDB
R8
50Ω
LATCHB
E57
NC0B
NC1B
(LSB) D0B
D1B
D2B
D3B
D4B
D5B
D6B
D7B
D8B
D9B
D10B
(MSB) D11B
F0B
F1B
F2B
F3B
B0B (LSB)
B1B
B2B
B3B
B4B
B5B
B6B
B7B
B8B
B9B
B10B
B11B (MSB)
DGNDB
74LCX16374
R36, 100Ω
R50
0Ω
113
112
VCC
111
110
GND
19
18
17
16
GND
15
13
12
GND
11
10
14
VCC
LE2
115
114
GND
O13
O12
VCC
O11
O10
GND
O9
O8
O7
O6
GND
O5
O3
O2
GND
O1
O0
O4
VCC
OE2
O15
O14
GND
LE1
OE1
DGNDB
1
40
C14
10µF
3.3VDB
J2
H40DN
(MSB) B11B
B10B
B9B
B8B
B7B
B6B
F1B
DGNDB
F2B
(LSB) B0B
B1B
B2B
B3B
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
B5B
B4B
R2
50Ω
E64
E63
E62
DGNDB
F3B
F0B
Figure 22. Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com