Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD13280/PCB Datasheet(PDF) 10 Page - Analog Devices

Part # AD13280/PCB
Description  Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD13280/PCB Datasheet(HTML) 10 Page - Analog Devices

Back Button AD13280/PCB Datasheet HTML 6Page - Analog Devices AD13280/PCB Datasheet HTML 7Page - Analog Devices AD13280/PCB Datasheet HTML 8Page - Analog Devices AD13280/PCB Datasheet HTML 9Page - Analog Devices AD13280/PCB Datasheet HTML 10Page - Analog Devices AD13280/PCB Datasheet HTML 11Page - Analog Devices AD13280/PCB Datasheet HTML 12Page - Analog Devices AD13280/PCB Datasheet HTML 13Page - Analog Devices AD13280/PCB Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD13280
Rev. C | Page 10 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
FREQUENCY (MHz)
–130
0
ENCODE = 80MSPS
AIN = 5MHz (–1dBFS)
SNR = 69.4dBFS
SFDR = 81.9dBc
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
2
35
40
6
3
4
5
510
15
30
25
20
Figure 4. Single Tone @ 5 MHz
FREQUENCY (MHz)
–130
0
ENCODE = 80MSPS
AIN = 18MHz (–1dBFS)
SNR = 69.79dBFS
SFDR = 76.81dBc
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
35
40
510
15
30
25
20
0
Figure 5. Single Tone @ 18 MHz
FREQUENCY (MHz)
–130
0
ENCODE = 80MSPS
AIN = 9MHz AND
10MHz (–7dBFS)
SFDR = 82.77dBc
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
35
40
510
15
30
25
20
0
Figure 6. Two Tone @ 9 MHz and 10 MHz
2
6
3
4
5
FREQUENCY (MHz)
–130
0
ENCODE = 80MSPS
AIN = 10MHz (–1dBFS)
SNR = 69.19dBFS
SFDR = 79.55dBc
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
35
40
510
15
30
25
20
0
Figure 7. Single Tone @ 10 MHz
2
6
3
4
5
FREQUENCY (MHz)
–130
0
ENCODE = 80MSPS
AIN = 37MHz (–1dBFS)
SNR = 68.38dBFS
SFDR = 57.81dBc
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
35
40
510
15
30
25
20
0
Figure 8. Single Tone @ 37 MHz
FREQUENCY (MHz)
–130
0
ENCODE = 80MSPS
AIN = 19MHz AND
20MHz (–7dBFS)
SFDR = 74.41dBc
–120
–110
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
35
40
510
15
30
25
20
0
Figure 9. Two Tone @ 19 MHz and 20 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com