Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD13280/PCB Datasheet(PDF) 20 Page - Analog Devices

Part # AD13280/PCB
Description  Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD13280/PCB Datasheet(HTML) 20 Page - Analog Devices

Back Button AD13280/PCB Datasheet HTML 16Page - Analog Devices AD13280/PCB Datasheet HTML 17Page - Analog Devices AD13280/PCB Datasheet HTML 18Page - Analog Devices AD13280/PCB Datasheet HTML 19Page - Analog Devices AD13280/PCB Datasheet HTML 20Page - Analog Devices AD13280/PCB Datasheet HTML 21Page - Analog Devices AD13280/PCB Datasheet HTML 22Page - Analog Devices AD13280/PCB Datasheet HTML 23Page - Analog Devices AD13280/PCB Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD13280
Rev. C | Page 20 of 28
E17
E27
E25
E21
E32
E44
E42
E10
E33
E6
E18
E28
E26
E20
E31
E43
E41
E9
E34
E5
DGNDA
AGNDA
E38
E29
E1
E36
E14
E37
E30
E2
E35
E13
DGNDB
AGNDB
SO1
SO2
SO4
SO5
SO6
E45
E3
E46
E4
SO3
E15
E7
E16
E12
DGNDA
DGNDB
E11
E39
E8
E47
AGNDB
AGNDA
VCC
Q
VEE
NC
D
VBB
U11
MC10EP16
NC = NO CONNECT
AGNDB
1
2
3
4
8
7
6
5
3
6
1
4
5
AGNDB
DB
QB
C27
0.47µF
+3.3VB
C28
0.1µF
AGNDB
R52
100Ω
AGNDB
VCC
Q
VEE
NC
D
VBB
U9
MC10EP16
NC = NO CONNECT
1
2
3
4
8
7
6
5
DB
QB
VCC
Q0
GND
D0
D0
D1
U10
MC100EPT23
NC = NO CONNECT
1
2
3
4
8
7
6
5
D1
Q1
+3.3VDB
C25
0.1µF
R39
33kΩ
DGNDB
C23
0.1µF
R53
25Ω
J11
SMA
J10
ENCODE
SMA
R54
50Ω
C22
0.1µF
AGNDB
AGNDB
DGNDB
DGNDB
DGNDB
R37
100Ω
DGNDB
DGNDB
C26
0.1µF
+3.3VDA
LATCHB
BUFLATB
E24
E22
+5VAB
R51
100Ω
2
AGNDB
R38
33kΩ
R6
100Ω
C24
0.1µF
OUT
NR
IN
SD
U6
ERR
GND
ADP3330
VCC
Q
VEE
NC
D
VBB
U2
MC10EP16
NC = NO CONNECT
AGNDA
1
2
3
4
8
7
6
5
3
6
1
4
5
AGNDA
DB
QB
C13
0.47µF
+3.3VA
C8
0.1µF
AGNDA
R42
100Ω
AGNDA
VCC
Q
VEE
NC
D
VBB
U3
MC10EP16
NC = NO CONNECT
1
2
3
4
8
7
6
5
DB
QB
VCC
Q0
GND
D0
D0
D1
U4
MC100EPT23
NC = NO CONNECT
1
2
3
4
8
7
6
5
D1
Q1
+3.3VDA
C6
0.1µF
R55
33kΩ
DGNDA
C2
0.1µF
R41
25Ω
J12
SMA
J5
ENCODE
SMA
R1
50Ω
C1
0.1µF
AGNDA
AGNDA
DGNDA
DGNDA
DGNDA
R3
100Ω
DGNDA
DGND
C5
0.1µF
+3.3VDA
LATCHA
BUFLATA
E23
E19
+5VAA
R43
100Ω
2
AGNDA
R56
33kΩ
R4
100Ω
C7
0.1µF
OUT
NR
IN
SD
U5
ERR
GND
ADP3330
AGNDA
1
BJ4
DGNDB
DGNDB
1
BJ7
AGNDB
1
BJ3
DGNDA
DGNDA
1
BJ8
ENCODEB
ENCODEB
ENCODEA
ENCODEA
Figure 23. Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com