Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD13280/PCB Datasheet(PDF) 25 Page - Analog Devices

Part # AD13280/PCB
Description  Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD13280/PCB Datasheet(HTML) 25 Page - Analog Devices

Back Button AD13280/PCB Datasheet HTML 20Page - Analog Devices AD13280/PCB Datasheet HTML 21Page - Analog Devices AD13280/PCB Datasheet HTML 22Page - Analog Devices AD13280/PCB Datasheet HTML 23Page - Analog Devices AD13280/PCB Datasheet HTML 24Page - Analog Devices AD13280/PCB Datasheet HTML 25Page - Analog Devices AD13280/PCB Datasheet HTML 26Page - Analog Devices AD13280/PCB Datasheet HTML 27Page - Analog Devices AD13280/PCB Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
AD13280
Rev. C | Page 25 of 28
OUTLINE DIMENSIONS
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
TOE DOWN
ANGLE
0–8 DEGREES
0.010 (0.254)
30°
0.050 (1.27)
0.020 (0.508)
DETAIL A
ROTATED 90° CCW
PIN 1
TOP VIEW
(PINS DOWN)
0.800 (20.32)
BSC
0.960 (24.38)
0.950 (24.13) SQ
0.940 (23.88)
0.055 (1.40)
0.050 (1.27)
0.045 (1.14)
0.020 (0.508)
0.017 (0.432)
0.014 (0.356)
0.040 (1.02)
× 45°
0.015 (0.30)
× 45°
3 PLS
0.040
(1.02) R
TYP
0.350
(8.89)
TYP
2.00 (50.80)
TYP
0.035 (0.889)
MAX
0.235 (5.97)
MAX
DETAIL A
0.010 (0.25)
0.008 (0.20)
0.007 (0.18)
Figure 30. 68-Lead Ceramic Leaded Chip Carrier with Nonconductive Tie-Bar [CLCC]
(ES-68-1)
Dimensions shown in inches and (millimeters)
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN
0.060 (1.52)
0.050 (1.27)
0.040 (1.02)
TOE DOWN
ANGLE
0–8 DEGREES
0.010 (0.254)
30°
0.050 (1.27)
0.020 (0.508)
DETAIL A
ROTATED 90° CCW
1.190 (30.23)
1.180 (29.97) SQ
1.170 (29.72)
PIN 1
10
26
9
61
60
43
27
44
TOP VIEW
(PINS DOWN)
0.800
(20.32)
BSC
0.960 (24.38)
0.950 (24.13) SQ
0.940 (23.88)
0.055 (1.40)
0.050 (1.27)
0.045 (1.14)
0.020 (0.508)
0.017 (0.432)
0.014 (0.356)
0.175 (4.45)
MAX
0.235 (5.97)
MAX
DETAIL A
0.010 (0.25)
0.008 (0.20)
0.007 (0.18)
1.070
(27.18)
MIN
Figure 31. 68-Lead Ceramic Leaded Chip Carrier [CLCC]
(ES-68-C)
Dimensions shown in inches and (millimeters)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com