Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD13280/PCB Datasheet(PDF) 13 Page - Analog Devices

Part # AD13280/PCB
Description  Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD13280/PCB Datasheet(HTML) 13 Page - Analog Devices

Back Button AD13280/PCB Datasheet HTML 9Page - Analog Devices AD13280/PCB Datasheet HTML 10Page - Analog Devices AD13280/PCB Datasheet HTML 11Page - Analog Devices AD13280/PCB Datasheet HTML 12Page - Analog Devices AD13280/PCB Datasheet HTML 13Page - Analog Devices AD13280/PCB Datasheet HTML 14Page - Analog Devices AD13280/PCB Datasheet HTML 15Page - Analog Devices AD13280/PCB Datasheet HTML 16Page - Analog Devices AD13280/PCB Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
AD13280
Rev. C | Page 13 of 28
INPUT AND OUTPUT STAGES
AMP-IN-X-2
100
Ω
100Ω
TO AD8045
AMP-IN-X-1
Figure 13. Single-Ended Input Stage
CURRENT MIRROR
CURRENT MIRROR
DVCC
VREF
DVCC
DROUT
Figure 14. DR Digital Output Stage
LOADS
LOADS
10kΩ
10kΩ
ENCODE
AVCC
AVCC
10kΩ
10kΩ
AVCC
AVCC
ENCODE
Figure 15. ENCODE Inputs
CURRENT MIRROR
CURRENT MIRROR
DVCC
VREF
DVCC
100Ω
D0–D11
Figure 16. Digital Output Stage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com