Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD13280/PCB Datasheet(PDF) 18 Page - Analog Devices

Part # AD13280/PCB
Description  Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD13280/PCB Datasheet(HTML) 18 Page - Analog Devices

Back Button AD13280/PCB Datasheet HTML 14Page - Analog Devices AD13280/PCB Datasheet HTML 15Page - Analog Devices AD13280/PCB Datasheet HTML 16Page - Analog Devices AD13280/PCB Datasheet HTML 17Page - Analog Devices AD13280/PCB Datasheet HTML 18Page - Analog Devices AD13280/PCB Datasheet HTML 19Page - Analog Devices AD13280/PCB Datasheet HTML 20Page - Analog Devices AD13280/PCB Datasheet HTML 21Page - Analog Devices AD13280/PCB Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
AD13280
Rev. C | Page 18 of 28
10
AGNDA
11
12
AVEEA
13
AVCCA
14
D0A(LSB)
15
D1A
16
D2A
17
D3A
18
D4A
19
D5A
20
21
22
23
24
25
DGNDA
26
AGNDB
60
59
58
AGNDB
57
56
55
54
53
52
51
DVCCB
50
D11B(MSB)
49
D7B
48
D6B
47
D5B
46
D4B
45
DGNDB
44
U1
AD13280AZ
D1A
D2A
D3A
D4A
D5A
D0A
DGNDA
ENCODEA
NC
NC
ENCODEA
AGNDA
DVCCA
NC0A
NC1A
–5VAA
C9
0.1µF
AGENDA
OUT_3.3VDA
AVEEB
AVCCB
DGNDA
AGNDB
D8B
D9B
D10B
DRBOUT
DRAOUT
E56
E55
LIDB
E65
E48
E40
DGNDA
DGNDB
E69
E70
E49
E51
E50
J4
SMA
J3
SMA
J9
SMA
AGNDA
J13
SMA
AGNDA
E68
E66
AGNDB
E54
E53
J7
SMA
AGNDB
E86
E85
E52
AGNDB
DGNDB
–5VAB
C18
0.1µF
C37
0.1µF
OUT_3.3VDB
+5VAB
AGNDB
AGNDB
AGNDB
AGNDB
D11B
D7B
D6B
D5B
D4B
DGNDB
AGNDB
D8B
D9B
D10B
E67
LIDA
NC = NO CONNECT
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
AGNDA
+5VAA
C35
0.1µF
C34
0.1µF
AGNDA
AGNDA
AGNDA
C36
0.1µF
C10
0.1µF
AGNDB
AGNDB
AGNDB
J14
SMA
J8
SMA
J6
SMA
C17
0.1µF
C38
0.1µF
C33
0.1µF
L1
+3VDA
47Ω
±20%
@100MHz
DGNDA
DUT_3.3VDA
BJ10
1
C29
10µF
U7
C12
0.1µF
L2
+3VDB
47Ω
±20%
@100MHz
DGNDB
DUT_3.3VDB
BJ9
1
C30
10µF
U8
C16
0.1µF
L4
+5VAB
AGNDB
+5VAB
BJ5
AGNDB
1
C4
10µF
U1
C21
0.1µF
47Ω
±20%
@100MHz
L6
–5VAB
AGNDB
–5VAB
BJ1
AGNDB
1
C19
10µF
U1
C31
0.1µF
47Ω
±20%
@100MHz
L5
–5VAA
AGNDA
–5VAA
BJ2
AGNDA
1
C11
10µF
U1
C32
0.1µF
47Ω
±20%
@100MHz
L3
+3VAA
AGNDA
+5VAA
BJ6
AGNDA
1
C3
10µF
U1
C20
0.1µF
47Ω
±20%
@100MHz
ENCODEB
ENCODEB
ENCODEB
ENCODEB
ENCODEA
ENCODEA
Figure 21. Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com