Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18F8680 Datasheet(PDF) 23 Page - Microchip Technology

Part # 18F8680
Description  64/68/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with ECAN Module
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F8680 Datasheet(HTML) 23 Page - Microchip Technology

Back Button 18F8680 Datasheet HTML 19Page - Microchip Technology 18F8680 Datasheet HTML 20Page - Microchip Technology 18F8680 Datasheet HTML 21Page - Microchip Technology 18F8680 Datasheet HTML 22Page - Microchip Technology 18F8680 Datasheet HTML 23Page - Microchip Technology 18F8680 Datasheet HTML 24Page - Microchip Technology 18F8680 Datasheet HTML 25Page - Microchip Technology 18F8680 Datasheet HTML 26Page - Microchip Technology 18F8680 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 496 page
background image
 2004 Microchip Technology Inc.
DS30491C-page 21
PIC18F6585/8585/6680/8680
PORTJ is a bidirectional I/O port(5).
RJ0/ALE
RJ0
ALE
——
62
I/O
O
ST
TTL
Digital I/O.
External memory address latch
enable.
RJ1/OE
RJ1
OE
——
61
I/O
O
ST
TTL
Digital I/O.
External memory output enable.
RJ2/WRL
RJ2
WRL
——
60
I/O
O
ST
TTL
Digital I/O.
External memory write low control.
RJ3/WRH
RJ3
WRH
——
59
I/O
O
ST
TTL
Digital I/O.
External memory write high control.
RJ4/BA0
RJ4
BA0
——
39
I/O
O
ST
TTL
Digital I/O.
System bus byte address 0 control.
RJ5/CE
CE
—
—
40
I/O
O
ST
TTL
Digital I/O
External memory chip enable.
RJ6/LB
RJ6
LB
——
42
I/O
O
ST
TTL
Digital I/O.
External memory low byte select.
RJ7/UB
RJ7
UB
——
41
I/O
O
ST
TTL
Digital I/O.
External memory high byte select.
VSS
9, 25,
41, 56
19, 36,
53, 68
11, 31,
51, 70
P
—
Ground reference for logic and I/O pins.
VDD
10, 26,
38, 57
2, 20,
37, 49
12, 32,
48, 71
P
—
Positive supply for logic and I/O pins.
AVSS
20
30
26
P
—
Ground reference for analog modules.
AVDD
19
29
25
P
—
Positive supply for analog modules.
NC
—
1, 18,
35, 52
—
—
—
No connect.
TABLE 1-2:
PIC18F6585/8585/6680/8680 PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
PIC18F6X8X PIC18F8X8X
TQFP PLCC
TQFP
Legend: TTL
= TTL compatible input
CMOS
= CMOS compatible input or output
ST
= Schmitt Trigger input with CMOS levels
Analog = Analog input
I
= Input
O
= Output
P
= Power
OD
= Open-Drain (no P diode to VDD)
Note 1:
Alternate assignment for CCP2 in all operating modes except Microcontroller – applies to PIC18F8X8X only.
2:
Default assignment when CCP2MX is set.
3:
External memory interface functions are only available on PIC18F8X8X devices.
4:
CCP2 is multiplexed with this pin by default when configured in Microcontroller mode; otherwise, it is
multiplexed with either RB3 or RC1.
5:
PORTH and PORTJ are only available on PIC18F8X8X (80-pin) devices.
6:
PSP is available in Microcontroller mode only.
7:
On PIC18F8X8X devices, these pins can be multiplexed with RH7/RH6 by changing the ECCPMX
configuration bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com