Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18F8680 Datasheet(PDF) 19 Page - Microchip Technology

Part # 18F8680
Description  64/68/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with ECAN Module
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F8680 Datasheet(HTML) 19 Page - Microchip Technology

Back Button 18F8680 Datasheet HTML 15Page - Microchip Technology 18F8680 Datasheet HTML 16Page - Microchip Technology 18F8680 Datasheet HTML 17Page - Microchip Technology 18F8680 Datasheet HTML 18Page - Microchip Technology 18F8680 Datasheet HTML 19Page - Microchip Technology 18F8680 Datasheet HTML 20Page - Microchip Technology 18F8680 Datasheet HTML 21Page - Microchip Technology 18F8680 Datasheet HTML 22Page - Microchip Technology 18F8680 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 496 page
background image
 2004 Microchip Technology Inc.
DS30491C-page 17
PIC18F6585/8585/6680/8680
PORTE is a bidirectional I/O port.
RE0/RD/AD8
RE0
RD(6)
AD8(3)
211
4
I/O
I
I/O
ST
TTL
TTL
Digital I/O.
Read control for Parallel Slave Port
(see WR and CS pins).
External memory address/data 8.
RE1/WR/AD9
RE1
WR(6)
AD9(3)
110
3
I/O
I
I/O
ST
TTL
TTL
Digital I/O.
Write control for Parallel Slave Port
(see CS and RD pins).
External memory address/data 9.
RE2/CS/AD10
RE2
CS(6)
AD10(3)
64
9
78
I/O
I
I/O
ST
TTL
TTL
Digital I/O.
Chip select control for Parallel Slave
Port (see RD and WR).
External memory address/data 10.
RE3/AD11
RE3
AD11(3)
63
8
77
I/O
I/O
ST
TTL
Digital I/O.
External memory address/data 11.
RE4/AD12
RE4
AD12(3)
62
7
76
I/O
I/O
ST
TTL
Digital I/O.
External memory address/data 12.
RE5/AD13/P1C
RE5
AD13(3)
P1C(7)
61
6
75
I/O
I/O
I/O
ST
TTL
ST
Digital I/O.
External memory address/data 13.
ECCP1 PWM output C.
RE6/AD14/P1B
RE6
AD14(3)
P1B(7)
60
5
74
I/O
I/O
I/O
ST
TTL
ST
Digital I/O.
External memory address/data 14.
ECCP1 PWM output B.
RE7/CCP2/AD15
RE7
CCP2(1,4)
AD15(3)
59
4
73
I/O
I/O
I/O
ST
ST
TTL
Digital I/O.
Capture 2 input/Compare 2 output/
PWM 2 output.
External memory address/data 15.
TABLE 1-2:
PIC18F6585/8585/6680/8680 PINOUT I/O DESCRIPTIONS (CONTINUED)
Pin Name
Pin Number
Pin
Type
Buffer
Type
Description
PIC18F6X8X PIC18F8X8X
TQFP PLCC
TQFP
Legend: TTL
= TTL compatible input
CMOS
= CMOS compatible input or output
ST
= Schmitt Trigger input with CMOS levels
Analog = Analog input
I
= Input
O
= Output
P
= Power
OD
= Open-Drain (no P diode to VDD)
Note 1:
Alternate assignment for CCP2 in all operating modes except Microcontroller – applies to PIC18F8X8X only.
2:
Default assignment when CCP2MX is set.
3:
External memory interface functions are only available on PIC18F8X8X devices.
4:
CCP2 is multiplexed with this pin by default when configured in Microcontroller mode; otherwise, it is
multiplexed with either RB3 or RC1.
5:
PORTH and PORTJ are only available on PIC18F8X8X (80-pin) devices.
6:
PSP is available in Microcontroller mode only.
7:
On PIC18F8X8X devices, these pins can be multiplexed with RH7/RH6 by changing the ECCPMX
configuration bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com