Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18F8680 Datasheet(PDF) 38 Page - Microchip Technology

Part # 18F8680
Description  64/68/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with ECAN Module
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F8680 Datasheet(HTML) 38 Page - Microchip Technology

Back Button 18F8680 Datasheet HTML 34Page - Microchip Technology 18F8680 Datasheet HTML 35Page - Microchip Technology 18F8680 Datasheet HTML 36Page - Microchip Technology 18F8680 Datasheet HTML 37Page - Microchip Technology 18F8680 Datasheet HTML 38Page - Microchip Technology 18F8680 Datasheet HTML 39Page - Microchip Technology 18F8680 Datasheet HTML 40Page - Microchip Technology 18F8680 Datasheet HTML 41Page - Microchip Technology 18F8680 Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 496 page
background image
PIC18F6585/8585/6680/8680
DS30491C-page 36
 2004 Microchip Technology Inc.
TABLE 3-3:
INITIALIZATION CONDITIONS FOR ALL REGISTERS
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets
WDT Reset
RESET
Instruction
Stack Resets
Wake-up via WDT
or Interrupt
TOSU
PIC18F6X8X PIC18F8X8X
---0 0000
---0 0000
---0 uuuu(3)
TOSH
PIC18F6X8X PIC18F8X8X
0000 0000
0000 0000
uuuu uuuu(3)
TOSL
PIC18F6X8X PIC18F8X8X
0000 0000
0000 0000
uuuu uuuu(3)
STKPTR
PIC18F6X8X PIC18F8X8X
00-0 0000
uu-0 0000
uu-u uuuu(3)
PCLATU
PIC18F6X8X PIC18F8X8X
---0 0000
---0 0000
---u uuuu
PCLATH
PIC18F6X8X PIC18F8X8X
0000 0000
0000 0000
uuuu uuuu
PCL
PIC18F6X8X PIC18F8X8X
0000 0000
0000 0000
PC + 2(2)
TBLPTRU
PIC18F6X8X PIC18F8X8X
--00 0000
--00 0000
--uu uuuu
TBLPTRH
PIC18F6X8X PIC18F8X8X
0000 0000
0000 0000
uuuu uuuu
TBLPTRL
PIC18F6X8X PIC18F8X8X
0000 0000
0000 0000
uuuu uuuu
TABLAT
PIC18F6X8X PIC18F8X8X
0000 0000
0000 0000
uuuu uuuu
PRODH
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
PRODL
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
INTCON
PIC18F6X8X PIC18F8X8X
0000 000x
0000 000x
uuuu uuuu(1)
INTCON2
PIC18F6X8X PIC18F8X8X
1111 1111
1111 1111
uuuu uuuu(1)
INTCON3
PIC18F6X8X PIC18F8X8X
1100 0000
1100 0000
uuuu uuuu(1)
INDF0
PIC18F6X8X PIC18F8X8X
N/A
N/A
N/A
POSTINC0
PIC18F6X8X PIC18F8X8X
N/A
N/A
N/A
POSTDEC0
PIC18F6X8X PIC18F8X8X
N/A
N/A
N/A
PREINC0
PIC18F6X8X PIC18F8X8X
N/A
N/A
N/A
PLUSW0
PIC18F6X8X PIC18F8X8X
N/A
N/A
N/A
FSR0H
PIC18F6X8X PIC18F8X8X
---- xxxx
---- uuuu
---- uuuu
FSR0L
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
WREG
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
INDF1
PIC18F6X8X PIC18F8X8X
N/A
N/A
N/A
POSTINC1
PIC18F6X8X PIC18F8X8X
N/A
N/A
N/A
POSTDEC1
PIC18F6X8X PIC18F8X8X
N/A
N/A
N/A
PREINC1
PIC18F6X8X PIC18F8X8X
N/A
N/A
N/A
PLUSW1
PIC18F6X8X PIC18F8X8X
N/A
N/A
N/A
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the
interrupt vector (0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4:
See Table 3-2 for Reset value for specific condition.
5:
Bit 6 of PORTA, LATA, and TRISA are enabled in ECIO and RCIO Oscillator modes only. In all other
oscillator modes, they are disabled and read ‘0’.
6:
Bit 6 of PORTA, LATA and TRISA are not available on all devices. When unimplemented, they read ‘0’.
7:
This register reads all ‘0’s until ECAN is set up in Mode 1 or Mode 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com