Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18F8680 Datasheet(PDF) 97 Page - Microchip Technology

Part # 18F8680
Description  64/68/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with ECAN Module
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F8680 Datasheet(HTML) 97 Page - Microchip Technology

Back Button 18F8680 Datasheet HTML 93Page - Microchip Technology 18F8680 Datasheet HTML 94Page - Microchip Technology 18F8680 Datasheet HTML 95Page - Microchip Technology 18F8680 Datasheet HTML 96Page - Microchip Technology 18F8680 Datasheet HTML 97Page - Microchip Technology 18F8680 Datasheet HTML 98Page - Microchip Technology 18F8680 Datasheet HTML 99Page - Microchip Technology 18F8680 Datasheet HTML 100Page - Microchip Technology 18F8680 Datasheet HTML 101Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 496 page
background image
 2004 Microchip Technology Inc.
DS30491C-page 95
PIC18F6585/8585/6680/8680
If the device fetches or accesses external memory
while EBDIS = 1, the pins will switch to external bus. If
the EBDIS bit is set by a program executing from exter-
nal memory, the action of setting the bit will be delayed
until the program branches into the internal memory. At
that time, the pins will change from external bus to I/O
ports.
When the device is executing out of internal memory
(with EBDIS = 0) in Microprocessor with Boot Block
mode or Extended Microcontroller mode, the control sig-
nals will be in inactive. They will go to a state where the
AD<15:0>, A<19:16> are tri-state; the OE, WRH, WRL,
UB and LB signals are ‘1’; and ALE and BA0 are ‘0’.
TABLE 6-1:
PIC18F8X8X EXTERNAL BUS – I/O PORT FUNCTIONS
Name
Port
Bit
Function
RD0/AD0
PORTD
bit 0 Input/Output or System Bus Address bit 0 or Data bit 0
RD1/AD1
PORTD
bit 1 Input/Output or System Bus Address bit 1 or Data bit 1
RD2/AD2
PORTD
bit 2 Input/Output or System Bus Address bit 2 or Data bit 2
RD3/AD3
PORTD
bit 3 Input/Output or System Bus Address bit 3 or Data bit 3
RD4/AD4
PORTD
bit 4 Input/Output or System Bus Address bit 4 or Data bit 4
RD5/AD5
PORTD
bit 5 Input/Output or System Bus Address bit 5 or Data bit 5
RD6/AD6
PORTD
bit 6 Input/Output or System Bus Address bit 6 or Data bit 6
RD7/AD7
PORTD
bit 7 Input/Output or System Bus Address bit 7 or Data bit 7
RE0/AD8
PORTE
bit 0 Input/Output or System Bus Address bit 8 or Data bit 8
RE1/AD9
PORTE
bit 1 Input/Output or System Bus Address bit 9 or Data bit 9
RE2/AD10
PORTE
bit 2 Input/Output or System Bus Address bit 10 or Data bit 10
RE3/AD11
PORTE
bit 3 Input/Output or System Bus Address bit 11 or Data bit 11
RE4/AD12
PORTE
bit 4 Input/Output or System Bus Address bit 12 or Data bit 12
RE5/AD13
PORTE
bit 5 Input/Output or System Bus Address bit 13 or Data bit 13
RE6/AD14
PORTE
bit 6 Input/Output or System Bus Address bit 14 or Data bit 14
RE7/AD15
PORTE
bit 7 Input/Output or System Bus Address bit 15 or Data bit 15
RH0/A16
PORTH
bit 0 Input/Output or System Bus Address bit 16
RH1/A17
PORTH
bit 1 Input/Output or System Bus Address bit 17
RH2/A18
PORTH
bit 2 Input/Output or System Bus Address bit 18
RH3/A19
PORTH
bit 3 Input/Output or System Bus Address bit 19
RJ0/ALE
PORTJ
bit 0 Input/Output or System Bus Address Latch Enable (ALE) Control pin
RJ1/OE
PORTJ
bit 1 Input/Output or System Bus Output Enable (OE) Control pin
RJ2/WRL
PORTJ
bit 2 Input/Output or System Bus Write Low (WRL) Control pin
RJ3/WRH
PORTJ
bit 3 Input/Output or System Bus Write High (WRH) Control pin
RJ4/BA0
PORTJ
bit 4 Input/Output or System Bus Byte Address bit 0
RJ5/CE
PORTJ
bit 5 Input/Output or Chip Enable
RJ6/LB
PORTJ
bit 6 Input/Output or System Bus Lower Byte Enable (LB) Control pin
RJ7/UB
PORTJ
bit 7 Input/Output or System Bus Upper Byte Enable (UB) Control pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com