Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18F8680 Datasheet(PDF) 29 Page - Microchip Technology

Part # 18F8680
Description  64/68/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with ECAN Module
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F8680 Datasheet(HTML) 29 Page - Microchip Technology

Back Button 18F8680 Datasheet HTML 25Page - Microchip Technology 18F8680 Datasheet HTML 26Page - Microchip Technology 18F8680 Datasheet HTML 27Page - Microchip Technology 18F8680 Datasheet HTML 28Page - Microchip Technology 18F8680 Datasheet HTML 29Page - Microchip Technology 18F8680 Datasheet HTML 30Page - Microchip Technology 18F8680 Datasheet HTML 31Page - Microchip Technology 18F8680 Datasheet HTML 32Page - Microchip Technology 18F8680 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 496 page
background image
 2004 Microchip Technology Inc.
DS30491C-page 27
PIC18F6585/8585/6680/8680
2.6.1
SYSTEM CLOCK SWITCH BIT
The system clock source switching is performed under
software control. The System Clock Switch bits,
SCS1:SCS0 (OSCCON<1:0>), control the clock switch-
ing. When the SCS0 bit is ‘0’, the system clock source
comes from the main oscillator that is selected by the
FOSC configuration bits in configuration register,
CONFIG1H. When the SCS0 bit is set, the system clock
source will come from the Timer1 oscillator. The SCS0
bit is cleared on all forms of Reset.
When FOSC bits are programmed for software PLL
mode, the SCS1 bit can be used to select between pri-
mary oscillator/clock and PLL output. The SCS1 bit will
only have an effect on the system clock if the PLL is
enabled (PLLEN = 1) and locked (LOCK = 1), else it will
be forced clear. When programmed with Configuration
Controlled PLL mode, the SCS1 bit will be forced clear.
REGISTER 2-1:
OSCCON REGISTER
Note:
The Timer1 oscillator must be enabled
and operating to switch the system clock
source. The Timer1 oscillator is enabled
by setting the T1OSCEN bit in the Timer1
Control register (T1CON). If the Timer1
oscillator is not enabled, then any write to
the SCS0 bit will be ignored (SCS0 bit
forced cleared) and the main oscillator will
continue to be the system clock source.
U-0
U-0
U-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
—
—
—
—
LOCK
PLLEN
SCS1
SCS0
bit 7
bit 0
bit 7-4
Unimplemented: Read as ‘0’
bit 3
LOCK: Phase Lock Loop Lock Status bit
1
= Phase Lock Loop output is stable as system clock
0
= Phase Lock Loop output is not stable and output cannot be used as system clock
bit 2
PLLEN(1): Phase Lock Loop Enable bit
1
= Enable Phase Lock Loop output as system clock
0
= Disable Phase Lock Loop
bit 1
SCS1: System Clock Switch bit 1
When PLLEN and LOCK bits are set:
1
= Use PLL output
0
= Use primary oscillator/clock input pin
When PLLEN or LOCK bit is cleared:
Bit is forced clear.
bit 0
SCS0(2): System Clock Switch bit 0
When OSCSEN configuration bit = 0 and T1OSCEN bit = 1:
1
= Switch to Timer1 oscillator/clock pin
0
= Use primary oscillator/clock input pin
When OSCSEN and T1OSCEN are in other states:
Bit is forced clear.
Note 1: PLLEN bit is ignored when configured for ECIO+PLL and HS+PLL. This bit is used
in ECIO+SPLL and HS+SPLL modes only.
2: The setting of SCS0 = 1 supersedes SCS1 = 1.
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com