Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18F8680 Datasheet(PDF) 44 Page - Microchip Technology

Part # 18F8680
Description  64/68/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with ECAN Module
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F8680 Datasheet(HTML) 44 Page - Microchip Technology

Back Button 18F8680 Datasheet HTML 40Page - Microchip Technology 18F8680 Datasheet HTML 41Page - Microchip Technology 18F8680 Datasheet HTML 42Page - Microchip Technology 18F8680 Datasheet HTML 43Page - Microchip Technology 18F8680 Datasheet HTML 44Page - Microchip Technology 18F8680 Datasheet HTML 45Page - Microchip Technology 18F8680 Datasheet HTML 46Page - Microchip Technology 18F8680 Datasheet HTML 47Page - Microchip Technology 18F8680 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 496 page
background image
PIC18F6585/8585/6680/8680
DS30491C-page 42
 2004 Microchip Technology Inc.
TXB0SIDH
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB0CON
PIC18F6X8X PIC18F8X8X
0000 0-00
0000 0-00
uuuu u-uu
TXB1D7
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB1D6
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB1D5
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB1D4
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB1D3
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB1D2
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB1D1
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB1D0
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB1DLC
PIC18F6X8X PIC18F8X8X
-x-- xxxx
-u-- uuuu
-u-- uuuu
TXB1EIDL
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB1EIDH
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB1SIDL
PIC18F6X8X PIC18F8X8X
xxx- x-xx
uuu- u-uu
uuu- uu-u
TXB1SIDH
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
-uuu uuuu
TXB1CON
PIC18F6X8X PIC18F8X8X
0000 0-00
0000 0-00
uuuu u-uu
TXB2D7
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
0uuu uuuu
TXB2D6
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
0uuu uuuu
TXB2D5
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
0uuu uuuu
TXB2D4
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
0uuu uuuu
TXB2D3
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
0uuu uuuu
TXB2D2
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
0uuu uuuu
TXB2D1
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
0uuu uuuu
TXB2D0
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
0uuu uuuu
TXB2DLC
PIC18F6X8X PIC18F8X8X
-x-- xxxx
-u-- uuuu
-u-- uuuu
TXB2EIDL
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB2EIDH
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
TXB2SIDL
PIC18F6X8X PIC18F8X8X
xxx- x-xx
uuu- u-uu
uuu- u-uu
TXB2SIDH
PIC18F6X8X PIC18F8X8X
xxx- x-xx
uuu- u-uu
uuu- u-uu
TXB2CON
PIC18F6X8X PIC18F8X8X
0000 0-00
0000 0-00
uuuu u-uu
RXM1EIDL
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
TABLE 3-3:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets
WDT Reset
RESET
Instruction
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the
interrupt vector (0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4:
See Table 3-2 for Reset value for specific condition.
5:
Bit 6 of PORTA, LATA, and TRISA are enabled in ECIO and RCIO Oscillator modes only. In all other
oscillator modes, they are disabled and read ‘0’.
6:
Bit 6 of PORTA, LATA and TRISA are not available on all devices. When unimplemented, they read ‘0’.
7:
This register reads all ‘0’s until ECAN is set up in Mode 1 or Mode 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com