Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18F8680 Datasheet(PDF) 40 Page - Microchip Technology

Part # 18F8680
Description  64/68/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with ECAN Module
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F8680 Datasheet(HTML) 40 Page - Microchip Technology

Back Button 18F8680 Datasheet HTML 36Page - Microchip Technology 18F8680 Datasheet HTML 37Page - Microchip Technology 18F8680 Datasheet HTML 38Page - Microchip Technology 18F8680 Datasheet HTML 39Page - Microchip Technology 18F8680 Datasheet HTML 40Page - Microchip Technology 18F8680 Datasheet HTML 41Page - Microchip Technology 18F8680 Datasheet HTML 42Page - Microchip Technology 18F8680 Datasheet HTML 43Page - Microchip Technology 18F8680 Datasheet HTML 44Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 496 page
background image
PIC18F6585/8585/6680/8680
DS30491C-page 38
 2004 Microchip Technology Inc.
ADRESH
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADRESL
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
ADCON0
PIC18F6X8X PIC18F8X8X
--00 0000
--00 0000
--uu uuuu
ADCON1
PIC18F6X8X PIC18F8X8X
--00 0000
--00 0000
--uu uuuu
ADCON2
PIC18F6X8X PIC18F8X8X
0-00 0000
0-00 0000
u-uu uuuu
CCPR1H
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR1L
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP1CON
PIC18F6X8X PIC18F8X8X
0000 0000
0000 0000
uuuu uuuu
CCPR2H
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCPR2L
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
CCP2CON
PIC18F6X8X PIC18F8X8X
--00 0000
--00 0000
--uu uuuu
CCPAS1
PIC18F6X8X PIC18F8X8X
0000 0000
0000 0000
uuuu uuuu
CVRCON
PIC18F6X8X PIC18F8X8X
0000 0000
0000 0000
uuuu uuuu
CMCON
PIC18F6X8X PIC18F8X8X
0000 0000
0000 0000
uuuu uuuu
TMR3H
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
TMR3L
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
T3CON
PIC18F6X8X PIC18F8X8X
0000 0000
uuuu uuuu
uuuu uuuu
PSPCON
PIC18F6X8X PIC18F8X8X
0000 ----
0000 ----
uuuu ----
SPBRG
PIC18F6X8X PIC18F8X8X
0000 0000
0000 0000
uuuu uuuu
RCREG
PIC18F6X8X PIC18F8X8X
0000 0000
0000 0000
uuuu uuuu
TXREG
PIC18F6X8X PIC18F8X8X
0000 0000
0000 0000
uuuu uuuu
TXSTA
PIC18F6X8X PIC18F8X8X
0000 0010
0000 0010
uuuu uuuu
RCSTA
PIC18F6X8X PIC18F8X8X
0000 000x
0000 000x
uuuu uuuu
EEADRH
PIC18F6X8X PIC18F8X8X
---- --00
---- --00
---- --uu
EEADR
PIC18F6X8X PIC18F8X8X
0000 0000
0000 0000
uuuu uuuu
EEDATA
PIC18F6X8X PIC18F8X8X
0000 0000
0000 0000
uuuu uuuu
EECON2
PIC18F6X8X PIC18F8X8X
xx-0 x000
uu-0 u000
uu-0 u000
EECON1
PIC18F6X8X PIC18F8X8X
00-0 x000
00-0 u000
uu-u uuuu
TABLE 3-3:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets
WDT Reset
RESET
Instruction
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the
interrupt vector (0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4:
See Table 3-2 for Reset value for specific condition.
5:
Bit 6 of PORTA, LATA, and TRISA are enabled in ECIO and RCIO Oscillator modes only. In all other
oscillator modes, they are disabled and read ‘0’.
6:
Bit 6 of PORTA, LATA and TRISA are not available on all devices. When unimplemented, they read ‘0’.
7:
This register reads all ‘0’s until ECAN is set up in Mode 1 or Mode 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com