Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18F8680 Datasheet(PDF) 49 Page - Microchip Technology

Part # 18F8680
Description  64/68/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with ECAN Module
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F8680 Datasheet(HTML) 49 Page - Microchip Technology

Back Button 18F8680 Datasheet HTML 45Page - Microchip Technology 18F8680 Datasheet HTML 46Page - Microchip Technology 18F8680 Datasheet HTML 47Page - Microchip Technology 18F8680 Datasheet HTML 48Page - Microchip Technology 18F8680 Datasheet HTML 49Page - Microchip Technology 18F8680 Datasheet HTML 50Page - Microchip Technology 18F8680 Datasheet HTML 51Page - Microchip Technology 18F8680 Datasheet HTML 52Page - Microchip Technology 18F8680 Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 496 page
background image
 2004 Microchip Technology Inc.
DS30491C-page 47
PIC18F6585/8585/6680/8680
RXFCON0(7)
PIC18F6X8X PIC18F8X8X
0000 0000
0000 0000
uuuu uuuu
RXFBCON7(7) PIC18F6X8X PIC18F8X8X
0000 0000
0000 0000
uuuu uuuu
RXFBCON6(7) PIC18F6X8X PIC18F8X8X
0000 0000
0000 0000
uuuu uuuu
RXFBCON5(7) PIC18F6X8X PIC18F8X8X
0000 0000
0000 0000
uuuu uuuu
RXFBCON4(7) PIC18F6X8X PIC18F8X8X
0000 0000
0000 0000
uuuu uuuu
RXFBCON3(7) PIC18F6X8X PIC18F8X8X
0000 0000
0000 0000
uuuu uuuu
RXFBCON2(7) PIC18F6X8X PIC18F8X8X
0001 0001
0001 0001
uuuu uuuu
RXFBCON1(7) PIC18F6X8X PIC18F8X8X
0001 0001
0001 0001
uuuu uuuu
RXFBCON0(7) PIC18F6X8X PIC18F8X8X
0000 0000
0000 0000
uuuu uuuu
RXF15EIDL(7)
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXF15EIDH(7) PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXF15SIDL(7)
PIC18F6X8X PIC18F8X8X
xxx- x-xx
uuu- u-uu
uuu- u-uu
RXF15SIDH(7) PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXF14EIDL(7)
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXF14EIDH(7) PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXF14SIDL(7)
PIC18F6X8X PIC18F8X8X
xxx- x-xx
uuu- u-uu
uuu- u-uu
RXF14SIDH(7) PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXF13EIDL(7)
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXF13EIDH(7) PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXF13SIDL(7)
PIC18F6X8X PIC18F8X8X
xxx- x-xx
uuu- u-uu
uuu- u-uu
RXF13SIDH(7) PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXF12EIDL(7)
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXF12EIDH(7) PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXF12SIDL(7)
PIC18F6X8X PIC18F8X8X
xxx- x-xx
uuu- u-uu
uuu- u-uu
RXF12SIDH(7) PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXF11EIDL(7)
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXF11EIDH(7) PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXF11SIDL(7)
PIC18F6X8X PIC18F8X8X
xxx- x-xx
uuu- u-uu
uuu- u-uu
RXF11SIDH(7) PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXF10EIDL(7)
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
-uuu uuuu
RXF10EIDH(7) PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
-uuu uuuu
TABLE 3-3:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets
WDT Reset
RESET
Instruction
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the
interrupt vector (0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4:
See Table 3-2 for Reset value for specific condition.
5:
Bit 6 of PORTA, LATA, and TRISA are enabled in ECIO and RCIO Oscillator modes only. In all other
oscillator modes, they are disabled and read ‘0’.
6:
Bit 6 of PORTA, LATA and TRISA are not available on all devices. When unimplemented, they read ‘0’.
7:
This register reads all ‘0’s until ECAN is set up in Mode 1 or Mode 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com