Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18F8680 Datasheet(PDF) 27 Page - Microchip Technology

Part # 18F8680
Description  64/68/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with ECAN Module
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F8680 Datasheet(HTML) 27 Page - Microchip Technology

Back Button 18F8680 Datasheet HTML 23Page - Microchip Technology 18F8680 Datasheet HTML 24Page - Microchip Technology 18F8680 Datasheet HTML 25Page - Microchip Technology 18F8680 Datasheet HTML 26Page - Microchip Technology 18F8680 Datasheet HTML 27Page - Microchip Technology 18F8680 Datasheet HTML 28Page - Microchip Technology 18F8680 Datasheet HTML 29Page - Microchip Technology 18F8680 Datasheet HTML 30Page - Microchip Technology 18F8680 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 496 page
background image
 2004 Microchip Technology Inc.
DS30491C-page 25
PIC18F6585/8585/6680/8680
2.4
External Clock Input
The EC, ECIO, EC+PLL and EC+SPLL Oscillator
modes require an external clock source to be con-
nected to the OSC1 pin. The feedback device between
OSC1 and OSC2 is turned off in these modes to save
current. There is a maximum 1.5
µs start-up required
after a Power-on Reset, or wake-up from Sleep mode.
In the EC Oscillator mode, the oscillator frequency
divided by 4 is available on the OSC2 pin. This signal
may be used for test purposes or to synchronize other
logic. Figure 2-4 shows the pin connections for the EC
Oscillator mode.
FIGURE 2-4:
EXTERNAL CLOCK INPUT
OPERATION
(EC CONFIGURATION)
The ECIO Oscillator mode functions like the EC mode,
except that the OSC2 pin becomes an additional gen-
eral purpose I/O pin. The I/O pin becomes bit 6 of
PORTA (RA6). Figure 2-5 shows the pin connections
for the ECIO Oscillator mode.
FIGURE 2-5:
EXTERNAL CLOCK INPUT
OPERATION
(ECIO CONFIGURATION)
2.5
Phase Locked Loop (PLL)
A Phase Locked Loop circuit is provided as a
programmable option for users that want to multiply the
frequency of the incoming oscillator signal by 4. For an
input clock frequency of 10 MHz, the internal clock
frequency will be multiplied to 40 MHz. This is useful for
customers who are concerned with EMI due to
high-frequency crystals.
The PLL can only be enabled when the oscillator config-
uration bits are programmed for High-Speed Oscillator
or External Clock mode. If they are programmed for any
other mode, the PLL is not enabled and the system clock
will come directly from OSC1. There are two types of
PLL modes: Software Controlled PLL and Configuration
bits Controlled PLL. In Software Controlled PLL mode,
PIC18F6585/8585/6680/8680 executes at regular clock
frequency after all Reset conditions. During execution,
application can enable PLL and switch to 4x clock
frequency operation by setting the PLLEN bit in the
OSCCON register. In Configuration bits Controlled PLL
mode, PIC18F6585/8585/6680/8680 always executes
with 4x clock frequency.
The type of PLL is selected by programming the
FOSC<3:0> configuration bits in the CONFIG1H
Configuration register. The oscillator mode is specified
during device programming.
A PLL lock timer is used to ensure that the PLL has
locked before device execution starts. The PLL lock
timer has a time-out that is called TPLL.
FIGURE 2-6:
PLL BLOCK DIAGRAM
OSC1
OSC2
FOSC/4
Clock from
Ext. System
PIC18FXX80/XX85
OSC1
I/O (OSC2)
RA6
Clock from
Ext. System
PIC18FXX80/XX85
VCO
Loop
Filter
Divide by 4
PLL Enable
FIN
FOUT
SYSCLK
Phase
Comparator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com