Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18F8680 Datasheet(PDF) 69 Page - Microchip Technology

Part # 18F8680
Description  64/68/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with ECAN Module
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F8680 Datasheet(HTML) 69 Page - Microchip Technology

Back Button 18F8680 Datasheet HTML 65Page - Microchip Technology 18F8680 Datasheet HTML 66Page - Microchip Technology 18F8680 Datasheet HTML 67Page - Microchip Technology 18F8680 Datasheet HTML 68Page - Microchip Technology 18F8680 Datasheet HTML 69Page - Microchip Technology 18F8680 Datasheet HTML 70Page - Microchip Technology 18F8680 Datasheet HTML 71Page - Microchip Technology 18F8680 Datasheet HTML 72Page - Microchip Technology 18F8680 Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 496 page
background image
 2004 Microchip Technology Inc.
DS30491C-page 67
PIC18F6585/8585/6680/8680
TABLE 4-3:
REGISTER FILE SUMMARY
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details
on page:
TOSU
—
—
—
Top-of-Stack Upper Byte (TOS<20:16>)
---0 0000
36, 54
TOSH
Top-of-Stack High Byte (TOS<15:8>)
0000 0000
36, 54
TOSL
Top-of-Stack Low Byte (TOS<7:0>)
0000 0000
36, 54
STKPTR
STKFUL
STKUNF
—
Return Stack Pointer
00-0 0000
36, 55
PCLATU
—
—
bit 21
Holding Register for PC<20:16>
--00 0000
36, 56
PCLATH
Holding Register for PC<15:8>
0000 0000
36, 56
PCL
PC Low Byte (PC<7:0>)
0000 0000
36, 56
TBLPTRU
—
—bit 21(2)
Program Memory Table Pointer Upper Byte (TBLPTR<20:16>)
--00 0000
36, 86
TBLPTRH
Program Memory Table Pointer High Byte (TBLPTR<15:8>)
0000 0000
36, 86
TBLPTRL
Program Memory Table Pointer Low Byte (TBLPTR<7:0>)
0000 0000
36, 86
TABLAT
Program Memory Table Latch
0000 0000
36, 86
PRODH
Product Register High Byte
xxxx xxxx
36, 107
PRODL
Product Register Low Byte
xxxx xxxx
36, 107
INTCON
GIE/GIEH
PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
0000 000x
36, 111
INTCON2
RBPU
INTEDG0
INTEDG1
INTEDG2
INTEDG3
TMR0IP
INT3IP
RBIP
1111 1111
36, 112
INTCON3
INT2IP
INT1IP
INT3IE
INT2IE
INT1IE
INT3IF
INT2IF
INT1IF
1100 0000
36, 113
INDF0
Uses contents of FSR0 to address data memory – value of FSR0 not changed (not a physical register)
n/a
79
POSTINC0
Uses contents of FSR0 to address data memory – value of FSR0 post-incremented (not a physical register)
n/a
79
POSTDEC0
Uses contents of FSR0 to address data memory – value of FSR0 post-decremented (not a physical register)
n/a
79
PREINC0
Uses contents of FSR0 to address data memory – value of FSR0 pre-incremented (not a physical register)
n/a
79
PLUSW0
Uses contents of FSR0 to address data memory – value of FSR0 pre-incremented
(not a physical register) – value of FSR0 offset by value in WREG
n/a
79
FSR0H
—
—
—
—
Indirect Data Memory Address Pointer 0 High Byte
---- 0000
36, 79
FSR0L
Indirect Data Memory Address Pointer 0 Low Byte
xxxx xxxx
36, 79
WREG
Working Register
xxxx xxxx
36
INDF1
Uses contents of FSR1 to address data memory – value of FSR1 not changed (not a physical register)
n/a
79
POSTINC1
Uses contents of FSR1 to address data memory – value of FSR1 post-incremented (not a physical register)
n/a
79
POSTDEC1
Uses contents of FSR1 to address data memory – value of FSR1 post-decremented (not a physical register)
n/a
79
PREINC1
Uses contents of FSR1 to address data memory – value of FSR1 pre-incremented (not a physical register)
n/a
79
PLUSW1
Uses contents of FSR1 to address data memory – value of FSR1 pre-incremented
(not a physical register) – value of FSR1 offset by value in WREG
n/a
79
FSR1H
—
—
—
—
Indirect Data Memory Address Pointer 1 High Byte
---- 0000
37, 79
FSR1L
Indirect Data Memory Address Pointer 1 Low Byte
xxxx xxxx
37, 79
BSR
—
—
—
—
Bank Select Register
---- 0000
37, 78
INDF2
Uses contents of FSR2 to address data memory – value of FSR2 not changed (not a physical register)
n/a
79
POSTINC2
Uses contents of FSR2 to address data memory – value of FSR2 post-incremented (not a physical register)
n/a
79
POSTDEC2
Uses contents of FSR2 to address data memory – value of FSR2 post-decremented (not a physical register)
n/a
79
PREINC2
Uses contents of FSR2 to address data memory – value of FSR2 pre-incremented (not a physical register)
n/a
79
PLUSW2
Uses contents of FSR2 to address data memory – value of FSR2 pre-incremented
(not a physical register) – value of FSR2 offset by value in WREG
n/a
79
FSR2H
—
—
—
—
Indirect Data Memory Address Pointer 2 High Byte
---- 0000
37, 79
FSR2L
Indirect Data Memory Address Pointer 2 Low Byte
xxxx xxxx
37, 79
Legend:
x
= unknown, u = unchanged, – = unimplemented, q = value depends on condition
Note
1:
RA6 and associated bits are configured as port pins in RCIO and ECIO Oscillator mode only and read ‘0’ in all other oscillator
modes.
2:
Bit 21 of the TBLPTRU allows access to the device configuration bits.
3:
These registers are unused on PIC18F6X80 devices; always maintain these clear.
4:
These bits have multiple functions depending on the CAN module mode selection.
5:
Meaning of this register depends on whether this buffer is configured as transmit or receive.
6:
RG5 is available as an input when MCLR is disabled.
7:
This register reads all ‘0’s until the ECAN module is set up in Mode 1 or Mode 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com