Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18F8680 Datasheet(PDF) 28 Page - Microchip Technology

Part # 18F8680
Description  64/68/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with ECAN Module
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F8680 Datasheet(HTML) 28 Page - Microchip Technology

Back Button 18F8680 Datasheet HTML 24Page - Microchip Technology 18F8680 Datasheet HTML 25Page - Microchip Technology 18F8680 Datasheet HTML 26Page - Microchip Technology 18F8680 Datasheet HTML 27Page - Microchip Technology 18F8680 Datasheet HTML 28Page - Microchip Technology 18F8680 Datasheet HTML 29Page - Microchip Technology 18F8680 Datasheet HTML 30Page - Microchip Technology 18F8680 Datasheet HTML 31Page - Microchip Technology 18F8680 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 496 page
background image
PIC18F6585/8585/6680/8680
DS30491C-page 26
 2004 Microchip Technology Inc.
2.6
Oscillator Switching Feature
The PIC18F6585/8585/6680/8680 devices include a
feature that allows the system clock source to be
switched from the main oscillator to an alternate
low-frequency
clock
source.
For
the
PIC18F6585/8585/6680/8680 devices, this alternate
clock source is the Timer1 oscillator. If a low-frequency
crystal (32 kHz, for example) has been attached to the
Timer1 oscillator pins and the Timer1 oscillator has
been enabled, the device can switch to a low-power
execution mode. Figure 2-7 shows a block diagram of
the system clock sources. The clock switching feature
is enabled by programming the Oscillator Switching
Enable
(OSCSEN)
bit
in
configuration
register,
CONFIG1H, to a ‘0’. Clock switching is disabled in an
erased device. See Section 12.0 “Timer1 Module” for
further details of the Timer1 oscillator. See Section 24.0
“Special Features of the CPU” for configuration
register details.
FIGURE 2-7:
DEVICE CLOCK SOURCES
PIC18FXX80/XX85
TOSC
4 x PLL
TT1P
TSCLK
Clock
Source
Tosc/4
Timer1 Oscillator
T1OSCEN
Enable
Oscillator
T1OSO
T1OSI
Clock Source Option
for other Modules
OSC1
OSC2
Sleep
Main Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com