Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18F8680 Datasheet(PDF) 42 Page - Microchip Technology

Part # 18F8680
Description  64/68/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with ECAN Module
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F8680 Datasheet(HTML) 42 Page - Microchip Technology

Back Button 18F8680 Datasheet HTML 38Page - Microchip Technology 18F8680 Datasheet HTML 39Page - Microchip Technology 18F8680 Datasheet HTML 40Page - Microchip Technology 18F8680 Datasheet HTML 41Page - Microchip Technology 18F8680 Datasheet HTML 42Page - Microchip Technology 18F8680 Datasheet HTML 43Page - Microchip Technology 18F8680 Datasheet HTML 44Page - Microchip Technology 18F8680 Datasheet HTML 45Page - Microchip Technology 18F8680 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 496 page
background image
PIC18F6585/8585/6680/8680
DS30491C-page 40
 2004 Microchip Technology Inc.
PORTJ
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTH
PIC18F6X8X PIC18F8X8X
0000 xxxx
0000 uuuu
uuuu uuuu
PORTG
PIC18F6X8X PIC18F8X8X
--xx xxxx
--uu uuuu
--uu uuuu
PORTF
PIC18F6X8X PIC18F8X8X
x000 0000
u000 0000
u000 0000
PORTE
PIC18F6X8X PIC18F8X8X
---- -000
---- -000
---- -uuu
PORTD
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTC
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTB
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
PORTA(5,6)
PIC18F6X8X PIC18F8X8X
-x0x 0000(5)
-u0u 0000(5)
-uuu uuuu(5)
SPBRGH
PIC18F6X8X PIC18F8X8X
0000 0000
0000 0000
uuuu uuuu
BAUDCON
PIC18F6X8X PIC18F8X8X
-1-0 0-00
-1-0 0-00
-u-u u-uu
ECCP1DEL
PIC18F6X8X PIC18F8X8X
0000 0000
0000 0000
uuuu uuuu
ECANCON
PIC18F6X8X PIC18F8X8X
0001 0000
0001 0000
uuuu uuuu
TXERRCNT
PIC18F6X8X PIC18F8X8X
0000 0000
0000 0000
uuuu uuuu
RXERRCNT
PIC18F6X8X PIC18F8X8X
0000 0000
0000 0000
uuuu uuuu
COMSTAT
PIC18F6X8X PIC18F8X8X
0000 0000
0000 0000
uuuu uuuu
CIOCON
PIC18F6X8X PIC18F8X8X
0000 ----
0000 ----
uuuu ----
BRGCON3
PIC18F6X8X PIC18F8X8X
00-- -000
00-- -000
uu-- -uuu
BRGCON2
PIC18F6X8X PIC18F8X8X
0000 0000
0000 0000
uuuu uuuu
BRGCON1
PIC18F6X8X PIC18F8X8X
0000 0000
0000 0000
uuuu uuuu
CANCON
PIC18F6X8X PIC18F8X8X
1000 000-
1000 000-
uuuu uuu-
CANSTAT
PIC18F6X8X PIC18F8X8X
100- 000-
100- 000-
uuu- uuu-
RXB0D7
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB0D6
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB0D5
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB0D4
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB0D3
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB0D2
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB0D1
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB0D0
PIC18F6X8X PIC18F8X8X
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB0DLC
PIC18F6X8X PIC18F8X8X
-xxx xxxx
-uuu uuuu
-uuu uuuu
TABLE 3-3:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets
WDT Reset
RESET
Instruction
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the
interrupt vector (0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4:
See Table 3-2 for Reset value for specific condition.
5:
Bit 6 of PORTA, LATA, and TRISA are enabled in ECIO and RCIO Oscillator modes only. In all other
oscillator modes, they are disabled and read ‘0’.
6:
Bit 6 of PORTA, LATA and TRISA are not available on all devices. When unimplemented, they read ‘0’.
7:
This register reads all ‘0’s until ECAN is set up in Mode 1 or Mode 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com