Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18F8680 Datasheet(PDF) 98 Page - Microchip Technology

Part # 18F8680
Description  64/68/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with ECAN Module
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F8680 Datasheet(HTML) 98 Page - Microchip Technology

Back Button 18F8680 Datasheet HTML 94Page - Microchip Technology 18F8680 Datasheet HTML 95Page - Microchip Technology 18F8680 Datasheet HTML 96Page - Microchip Technology 18F8680 Datasheet HTML 97Page - Microchip Technology 18F8680 Datasheet HTML 98Page - Microchip Technology 18F8680 Datasheet HTML 99Page - Microchip Technology 18F8680 Datasheet HTML 100Page - Microchip Technology 18F8680 Datasheet HTML 101Page - Microchip Technology 18F8680 Datasheet HTML 102Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 496 page
background image
PIC18F6585/8585/6680/8680
DS30491C-page 96
 2004 Microchip Technology Inc.
6.2
16-bit Mode
The
external
memory
interface
implemented
in
PIC18F8X8X devices operates only in 16-bit mode.
The mode selection is not software configurable but is
programmed via the configuration bits.
The WM<1:0> bits in the MEMCON register determine
three types of connections in 16-bit mode. They are
referred to as:
• 16-bit Byte Write
• 16-bit Word Write
• 16-bit Byte Select
These three different configurations allow the designer
maximum flexibility in using 8-bit and 16-bit memory
devices.
For all 16-bit modes, the Address Latch Enable (ALE)
pin indicates that the Address bits (A<15:0>) are avail-
able on the external memory interface bus. Following
the address latch, the Output Enable signal (OE ) will
enable both bytes of program memory at once to form
a 16-bit instruction word.
In Byte Select mode, JEDEC standard Flash memories
will require BA0 for the byte address line, and one I/O
line to select between Byte and Word mode. The other
16-bit modes do not need BA0. JEDEC standard static
RAM memories will use the UB or LB signals for byte
selection.
6.2.1
16-BIT BYTE WRITE MODE
Figure 6-1 shows an example of 16-bit Byte Write
mode for PIC18F8X8X devices.
FIGURE 6-1:
16-BIT BYTE WRITE MODE EXAMPLE
AD<7:0>
A<19:16>
ALE
D<15:8>
373
A<x:0>
D<7:0>
A<19:0>
A<x:0>
D<7:0>
373
OE
WRH
OE
OE
WR(1)
WR(1)
CE
CE
Note
1:
This signal only applies to table writes. See Section 5.1 “Table Reads and Table Writes”.
WRL
D<7:0>
(LSB)
(MSB)
PIC18F8X8X
D<7:0>
AD<15:8>
Address Bus
Data Bus
Control Lines
CE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com