Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18F8680 Datasheet(PDF) 11 Page - Microchip Technology

Part # 18F8680
Description  64/68/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with ECAN Module
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F8680 Datasheet(HTML) 11 Page - Microchip Technology

Back Button 18F8680 Datasheet HTML 7Page - Microchip Technology 18F8680 Datasheet HTML 8Page - Microchip Technology 18F8680 Datasheet HTML 9Page - Microchip Technology 18F8680 Datasheet HTML 10Page - Microchip Technology 18F8680 Datasheet HTML 11Page - Microchip Technology 18F8680 Datasheet HTML 12Page - Microchip Technology 18F8680 Datasheet HTML 13Page - Microchip Technology 18F8680 Datasheet HTML 14Page - Microchip Technology 18F8680 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 496 page
background image
 2004 Microchip Technology Inc.
DS30491C-page 9
PIC18F6585/8585/6680/8680
1.0
DEVICE OVERVIEW
This document contains device specific information for
the following devices:
PIC18F6X8X devices are available in 64-pin TQFP and
68-pin PLCC packages. PIC18F8X8X devices are
available in the 80-pin TQFP package. They are
differentiated from each other in four ways:
1.
Flash program memory (48 Kbytes for
PIC18FX585 devices, 64 Kbytes for
PIC18FX680)
2.
A/D channels (12 for PIC18F6X8X devices,
16 for PIC18F8X8X)
3.
I/O ports (7 on PIC18F6X8X devices, 9 on
PIC18F8X8X)
4.
External program memory interface (present
only on PIC18F8X8X devices)
All
other
features
for
devices
in
the
PIC18F6585/8585/6680/8680
family
are
identical.
These are summarized in Table 1-1.
Block diagrams of the PIC18F6X8X and PIC18F8X8X
devices are provided in Figure 1-1 and Figure 1-2,
respectively. The pinouts for these device families are
listed in Table 1-2.
TABLE 1-1:
PIC18F6585/8585/6680/8680 DEVICE FEATURES
• PIC18F6585
• PIC18F8585
• PIC18F6680
• PIC18F8680
Features
PIC18F6585
PIC18F6680
PIC18F8585
PIC18F8680
Operating Frequency
DC – 40 MHz
DC – 40 MHz
DC – 40 MHz
DC –25MHz w/EMA
DC –40MHz
DC – 25 MHz w/EMA
Program Memory (Bytes)
48K
64K
48K (2 MB EMA)
64K (2 MB EMA)
Program Memory (Instructions)
24576
32768
24576
32768
Data Memory (Bytes)
3328
3328
3328
3328
Data EEPROM Memory (Bytes)
1024
1024
1024
1024
External Memory Interface
No
No
Yes
Yes
Interrupt Sources
29
29
29
29
I/O Ports
Ports A
-G
Ports A
-GPorts A-H, J
Ports A
-H, J
Timers
4
4
4
4
Capture/Compare/PWM Module
1
1
1
1
Enhanced Capture/Compare/PWM
Module
11
1
1
Serial Communications
MSSP,
Enhanced AUSART,
ECAN
MSSP,
Enhanced AUSART,
ECAN
MSSP,
Enhanced AUSART,
ECAN
MSSP,
Enhanced AUSART,
ECAN
Parallel Communications
PSP
PSP
PSP(1)
PSP(1)
10-bit Analog-to-Digital Module
12 input channels
12 input channels
16 input channels
16 input channels
Resets (and Delays)
POR, BOR,
RESET
Instruction,
Stack Full,
Stack Underflow
(PWRT, OST)
POR, BOR,
RESET
Instruction,
Stack Full,
Stack Underflow
(PWRT, OST)
POR, BOR,
RESET
Instruction,
Stack Full,
Stack Underflow
(PWRT, OST)
POR, BOR,
RESET
Instruction,
Stack Full,
Stack Underflow
(PWRT, OST)
Programmable Low-Voltage Detect
Yes
Yes
Yes
Yes
Programmable Brown-out Reset
Yes
Yes
Yes
Yes
Instruction Set
75 Instructions
75 Instructions
75 Instructions
75 Instructions
Package
64-pin TQFP,
68-pin PLCC
64-pin TQFP,
68-pin PLCC
80-pin TQFP
80-pin TQFP
Note 1:
PSP is only available in Microcontroller mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com