Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18F8680 Datasheet(PDF) 126 Page - Microchip Technology

Part # 18F8680
Description  64/68/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with ECAN Module
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F8680 Datasheet(HTML) 126 Page - Microchip Technology

Back Button 18F8680 Datasheet HTML 122Page - Microchip Technology 18F8680 Datasheet HTML 123Page - Microchip Technology 18F8680 Datasheet HTML 124Page - Microchip Technology 18F8680 Datasheet HTML 125Page - Microchip Technology 18F8680 Datasheet HTML 126Page - Microchip Technology 18F8680 Datasheet HTML 127Page - Microchip Technology 18F8680 Datasheet HTML 128Page - Microchip Technology 18F8680 Datasheet HTML 129Page - Microchip Technology 18F8680 Datasheet HTML 130Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 496 page
background image
PIC18F6585/8585/6680/8680
DS30491C-page 124
 2004 Microchip Technology Inc.
9.6
INT0 Interrupt
External interrupts on the RB0/INT0, RB1/INT1, RB2/
INT2 and RB3/INT3 pins are edge-triggered: either ris-
ing if the corresponding INTEDGx bit is set in the
INTCON2 register, or falling if the INTEDGx bit is clear.
When a valid edge appears on the RBx/INTx pin, the
corresponding flag bit, INTxF, is set. This interrupt can
be disabled by clearing the corresponding enable bit,
INTxE. Flag bit, INTxF, must be cleared in software in
the Interrupt Service Routine before re-enabling the
interrupt. All external interrupts (INT0, INT1, INT2 and
INT3) can wake-up the processor from Sleep if bit
INTxIE was set prior to going into Sleep. If the global
interrupt enable bit GIE is set, the processor will branch
to the interrupt vector following wake-up.
The interrupt priority for INT, INT2 and INT3 is deter-
mined by the value contained in the interrupt priority
bits: INT1IP (INTCON3<6>), INT2IP (INTCON3<7>)
and INT3IP (INTCON2<1>). There is no priority bit
associated with INT0; it is always a high priority
interrupt source.
9.7
TMR0 Interrupt
In 8-bit mode (which is the default), an overflow in the
TMR0 register (0FFh
→ 00h) will set flag bit TMR0IF. In
16-bit mode, an overflow in the TMR0H:TMR0L regis-
ters (0FFFFh
→ 0000h) will set flag bit, TMR0IF. The
interrupt can be enabled/disabled by setting/clearing
enable bit, TMR0IE (INTCON<5>). Interrupt priority for
Timer0 is determined by the value contained in the
interrupt priority bit, TMR0IP (INTCON2<2>). See
Section 11.0 “Timer0 Module” for further details on
the Timer0 module.
9.8
PORTB Interrupt-on-Change
An input change on PORTB<7:4> sets flag bit RBIF
(INTCON<0>). The interrupt can be enabled/disabled
by setting/clearing enable bit, RBIE (INTCON<3>).
Interrupt priority for PORTB interrupt-on-change is
determined by the value contained in the interrupt
priority bit, RBIP (INTCON2<0>).
9.9
Context Saving During Interrupts
During an interrupt, the return PC value is saved on the
stack. Additionally, the WREG, Status and BSR registers
are saved on the fast return stack. If a fast return from
interrupt is not used (See Section 4.3 “Fast Register
Stack”), the user may need to save the WREG, Status
and BSR registers in software. Depending on the user’s
application, other registers may also need to be saved.
Example 9-1 saves and restores the WREG, Status and
BSR registers during an Interrupt Service Routine.
EXAMPLE 9-1:
SAVING STATUS, WREG AND BSR REGISTERS IN RAM
MOVWF
W_TEMP
; W_TEMP is in virtual bank
MOVFF
STATUS, STATUS_TEMP
; STATUS_TEMP located anywhere
MOVFF
BSR, BSR_TEMP
; BSR located anywhere
;
; USER ISR CODE
;
MOVFF
BSR_TEMP, BSR
; Restore BSR
MOVF
W_TEMP, W
; Restore WREG
MOVFF
STATUS_TEMP, STATUS
; Restore STATUS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com