Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

18F8680 Datasheet(PDF) 178 Page - Microchip Technology

Part # 18F8680
Description  64/68/80-Pin High-Performance, 64-Kbyte Enhanced Flash Microcontrollers with ECAN Module
PDF  496 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

18F8680 Datasheet(HTML) 178 Page - Microchip Technology

Back Button 18F8680 Datasheet HTML 174Page - Microchip Technology 18F8680 Datasheet HTML 175Page - Microchip Technology 18F8680 Datasheet HTML 176Page - Microchip Technology 18F8680 Datasheet HTML 177Page - Microchip Technology 18F8680 Datasheet HTML 178Page - Microchip Technology 18F8680 Datasheet HTML 179Page - Microchip Technology 18F8680 Datasheet HTML 180Page - Microchip Technology 18F8680 Datasheet HTML 181Page - Microchip Technology 18F8680 Datasheet HTML 182Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 496 page
background image
PIC18F6585/8585/6680/8680
DS30491C-page 176
 2004 Microchip Technology Inc.
16.1
ECCP Outputs
The enhanced CCP module may have up to four
outputs depending on the selected operating mode.
These outputs, designated P1A through P1D, are
multiplexed with I/O pins RC2, RE6, RE5 and RG4.
The pin assignments are summarized in Table 16-1.
To configure I/O pins as PWM outputs, the proper PWM
mode must be selected by setting the P1Mx and
CCP1Mx bits (CCP1CON<7:6> and <3:0>, respec-
tively). The appropriate TRIS direction bits for the port
pins must also be set as outputs.
TABLE 16-1:
PIN ASSIGNMENTS FOR VARIOUS ECCP MODES
FIGURE 16-1:
COMPARE MODE OPERATION BLOCK DIAGRAM
ECCP Mode
CCP1CON
Configuration
RC2
RE6
RE5
RG4
Compatible CCP
00xx11xx
CCP1
RE6
RE5
RG4
Dual PWM
10xx11xx
P1A
P1B(2)
RE5
RG4
Quad PWM
x1xx11xx
P1A
P1B(2)
P1C(2)
P1D
Legend: x = Don’t care. Shaded cells indicate pin assignments not used by ECCP in a given mode.
Note 1:
TRIS register values must be configured appropriately.
2:
On PIC18F8X8X devices, these pins can be alternately multiplexed with RH7 or RH6 by changing the
ECCPMX configuration bit.
CCPR1H CCPR1L
TMR1H
TMR1L
Comparator
QS
R
Output
Logic
Set Flag bit CCP1IF
Match
RB3/CCP1/P1A pin
TRISB<3>
CCP1CON<3:0>
Mode Select
Output Enable
Special Event Trigger will:
Reset Timer1 or Timer3, but will not set Timer1 or Timer3 interrupt flag bit
and set bit GO/DONE (ADCON0<2>) which starts an A/D conversion.
TMR3H
TMR3L
T3CCP2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com