Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM300018 Datasheet(PDF) 23 Page - Microchip Technology

Part # DM300018
Description  dsPICDEM??2 Development Board User?셲 Guide
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM300018 Datasheet(HTML) 23 Page - Microchip Technology

Back Button DM300018 Datasheet HTML 19Page - Microchip Technology DM300018 Datasheet HTML 20Page - Microchip Technology DM300018 Datasheet HTML 21Page - Microchip Technology DM300018 Datasheet HTML 22Page - Microchip Technology DM300018 Datasheet HTML 23Page - Microchip Technology DM300018 Datasheet HTML 24Page - Microchip Technology DM300018 Datasheet HTML 25Page - Microchip Technology DM300018 Datasheet HTML 26Page - Microchip Technology DM300018 Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 115 page
background image
Getting Started
© 2005 Microchip Technology Inc.
DS51558A-page 17
2.5
DEVICE PROGRAMMING PROCESS
The second phase of the getting-started process introduces the MPLAB Integrated
Development Environment (IDE) and MPLAB ICD 2 In-Circuit Debugger. The
emphasis in this phase is to program the sample application into a dsPIC30F4011
device. After observing the demonstration, this process gets you ready to examine
what you observed.
2.5.1
Connect MPLAB ICD 2
Follow the information in Figure 2-2 to set up the MPLAB ICD 2 for use as a
programmer.
1.
With an RJ11 cable, connect the MPLAB ICD 2 to the ICD header (J1) on the
board.
2.
Use a USB cable to connect the MPLAB ICD 2 to your PC.
FIGURE 2-4:
MPLAB® ICD 2 CONNECTION DIAGRAM
2.5.2
Setting up MPLAB IDE
The sample application program files on the dsPICDEM 2 CD contain a workspace and
project information needed by MPLAB IDE, MPLAB ICD 2 and MPLAB C30.
The first step is to open the sample application project in MPLAB IDE.
A project contains the files needed to build an application (source code, linker script
files, etc.) along with their associations to various build tools and build options. A work-
space contains information on the selected device, debug tool and/or programmer,
open windows and their location, and other MPLAB IDE configuration settings.
1.
Start MPLAB IDE.
2.
From the
File menu select Open Workspace>[path], as shown in Figure 2-5,
where
[path] is the location of the sample application files.
Note:
Make sure that the USB driver for the MPLAB ICD 2 has been installed on
your PC (see the
MPLAB® ICD 2 User’s Guide, DS51331, for more details
regarding the installation of MPLAB ICD 2).
12 3 4
J2
J3
H8
H9
123 4
U2A1
U1A1
U2B1
U1B1
U1C1
12
Motor
Control
General
Purpose
MPLAB ICD 2
115 VAC
9 VDC Power Cable
Connect RJ-11 cable to ICD
dsPICDEM™ 2 Development Board
running dsPIC30F4011 sample
application
Connect USB cable to PC
Connect RS-232 cable to
PC
Apply power to the board
PC running MPLAB® IDE
J1
J2
J4
Note:
These instructions presume the use of MPLAB IDE version 7.11 or newer
and MPLAB C30 version 1.32 or newer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com