| Electronic Components Datasheet Search |
|
DM300018 Datasheet(PDF) 96 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
DM300018 Datasheet(HTML) 96 Page - Microchip Technology |
|
96 / 115 page ![]() dsPICDEM 2 Development Board User’s Guide DS51558A-page 90 © 2005 Microchip Technology Inc. EMUC1 & EMUD1 pin-pair, as well as the EMUC2 & EMUD2 pin-pair, for alternate debugging channels. This functionality has been provided by the DIP switches in S3 (for Motor Control family) and S4 (for Sensor and General-Purpose families). Table 14-3 shows the various alternate debugging channel options available to the user. These switches are represented in the schematics in Figure A-5: “dsPICDEM™ 2 Development Board Schematic (Sheet 4 of 7)”. 14.1.5 LCD The LCD supports 2 rows and 16 columns of ASCII-text characters and is controlled by a dsPIC30F2011 device. The dsPIC30F devices may write ASCII character data and cursor position information via an SPI interface to the LCD controller. Header H1 con- nects the SPI pins (SCK1 and SDO1) on the dsPIC30F device to the LCD controller. A pair of jumpers should be installed on H1 to connect any one of the following to the LCD: - 28-pin device on U2B1 - 40-pin device on U2A1 - 18-pin device on U1C1 - 28/40-pin device on U1A1 or U1B1 TABLE 14-3: PROGRAMMING/DEBUGGING PIN SELECTION Switch Position Label Function(1) S2 1 GP 40 Connects ICD to programming pins on the 40-pin dsPIC30F device in the general purpose socket (U1A1) 2 GP 28 Connects ICD to programming pins on the 28-pin dsPIC30F device in the general purpose socket (U1B1) 3 GP 18 Connects ICD to programming pins on the 18-pin dsPIC30F device in the general purpose socket (U1C1) 4 M ALL Connects ICD to programming pins on the dsPIC30F device in either motor control socket S3 1 EMUD1 EMUC1 Connects ICD to debug pins EMUD1 and UMUC1 on the dsPIC30F device in either motor control socket 2 EMUD2 EMUC2 Connects ICD to debug pins EMUD2 and UMUC2 on the dsPIC30F device in either motor control socket S4 1 GP ALL EMUD1 GP ALL EMUC1 Connects ICD to debug pins EMUD1 and EMUC1 on the dsPIC30F device in any general purpose socket 2 GP 40 EMUD2 GP 40 EMUC2 Connects ICD to debug pins EMUD2 and EMUC2 on the 40-pin dsPIC30F device in general purpose socket U1A1 3 GP 28 EMUD2 GP 28 EMUC2 Connects ICD to debug pins EMUD2 and EMUC2 on the 28-pin dsPIC30F device in general purpose socket U1B1 4 GP 18 EMUD2 GP 18 EMUC2 Connects ICD to debug pins EMUD2 and EMUC2 on the 18-pin dsPIC30F device in general purpose socket U1C1 Note 1: Indicates the path established when that switch is in the ON position. All other switches must be in the OFF position. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |