Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM300018 Datasheet(PDF) 16 Page - Microchip Technology

Part # DM300018
Description  dsPICDEM??2 Development Board User?셲 Guide
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM300018 Datasheet(HTML) 16 Page - Microchip Technology

Back Button DM300018 Datasheet HTML 12Page - Microchip Technology DM300018 Datasheet HTML 13Page - Microchip Technology DM300018 Datasheet HTML 14Page - Microchip Technology DM300018 Datasheet HTML 15Page - Microchip Technology DM300018 Datasheet HTML 16Page - Microchip Technology DM300018 Datasheet HTML 17Page - Microchip Technology DM300018 Datasheet HTML 18Page - Microchip Technology DM300018 Datasheet HTML 19Page - Microchip Technology DM300018 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 115 page
background image
dsPICDEM 2 Development Board User’s Guide
DS51558A-page 10
© 2005 Microchip Technology Inc.
FIGURE 1-3:
dsPICDEM™ 2 DEVELOPMENT BOARD LAYOUT
1.4.2
MPLAB ICD 2 Header
An RJ11 connector (J1) allows the MPLAB ICD 2 Debugger/Programmer to be used
with the dsPIC30F device you have plugged into the board. Switches S2, S3 and S4
physically connect this interface to the device sockets. Switch S2 connects the MPLAB
ICD 2 interface to the default programming and debugging pins on the dsPIC30F
devices (PGC/EMUC and PGD/EMUD). This switch should be turned on during
programming.
Switches S3 and S4 connect the MPLAB ICD 2 interface to alternative debugging pins
on the dsPIC30F devices (EMUC1/EMUD1 and EMUC2/EMUD2). These switches
should be turned off during device programming and turned on during debugging, if
needed.
1.4.3
UART Connection
A DB9 connector (J2) facilitates external RS-232RS-232 communication. Headers H3,
H4 and H5 connect this interface to the UART peripheral in the dsPIC DSC device.
Header H3 selects UART1. Header H4 selects alternate pins for UART1 in all
dsPIC30F devices supported by this board. Header H5 selects UART2 in dsPIC30F
devices that provide two UARTs (dsPIC30F3011, 3013, 3014, 4011 and 4013).
1.4.4
CAN Connection
A second DB9 connector (J3) is used for CAN communication. Header H2 selects the
dsPIC DSC device for the CAN interface. The CAN interface is supported by
dsPIC30F4011, 4012 and 4013 devices.
1.4.5
Power Supply
The dsPICDEM™ 2 power supply IS powered from an AC/DC wall adapter that
furnishes 9 VDC to the PWR jack (J4). The power supply is split at the regulator to
provide a separate, de-coupled analog supply voltage useful in designs taking
advantage of the dsPIC30F A/D converters. The power supply includes an on-board
+5V regulator for supplying VDD and AVDD. An LED indicates when the power is on.
Jumpers (JP1 and JP2) let you disconnect the power supply from the board if you want
to supply external DC power via terminals TP1 and TP2.
Sockets for Motor
Control Family
Devices:
dsPIC30F2010
dsPIC30F3010
dsPIC30F3011
dsPIC30F4011
dsPIC30F4012
Sockets for General
Purpose and Sensor
Family Devices:
dsPIC30F2011
dsPIC30F3012
dsPIC30F2012
dsPIC30F3013
dsPIC30F3014
dsPIC30F4013
U2A1
U2B1
U1A1
U1B1
U1C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com