Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM300018 Datasheet(PDF) 17 Page - Microchip Technology

Part # DM300018
Description  dsPICDEM??2 Development Board User?셲 Guide
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM300018 Datasheet(HTML) 17 Page - Microchip Technology

Back Button DM300018 Datasheet HTML 13Page - Microchip Technology DM300018 Datasheet HTML 14Page - Microchip Technology DM300018 Datasheet HTML 15Page - Microchip Technology DM300018 Datasheet HTML 16Page - Microchip Technology DM300018 Datasheet HTML 17Page - Microchip Technology DM300018 Datasheet HTML 18Page - Microchip Technology DM300018 Datasheet HTML 19Page - Microchip Technology DM300018 Datasheet HTML 20Page - Microchip Technology DM300018 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 115 page
background image
Introduction
© 2005 Microchip Technology Inc.
DS51558A-page 11
1.4.6
Reset Switch
This pushbutton switch (S1) is tied to the MCLR pin on the dsPIC30F device. It is used
to reset the device regardless of the socket used.
1.4.7
Device Clocking
Device clocking can be provided by on-chip RC oscillators, on-board crystal oscillators
or external sources. Crystal (Y1) provides a 7.3728 MHz oscillator for the motor control
device. Crystal (Y2) provides a 7.3728 MHz oscillator for the general purpose and
sensor devices.
1.4.8
Analog and Digital Inputs
The dsPICDEM™ 2 provides the following sensors that can be used to provide input
signals to your application program:
• Temperature sensor (U5)
• Potentiometer (R15)
• Pushbutton switches (S5 and S6)
1.4.8.1
TEMPERATURE SENSOR
The temperature sensor is a TC1047A that provides an analog signal to analog
channel AN3 in either the general purpose or motor control device via header H10.
1.4.8.2
ANALOG POTENTIOMETER
A 5-kOhm potentiometer provides an analog signal to analog channel AN2 in either the
general purpose or motor control device via header H13. The voltage source to the
potentiometer is provided by VR1, through a low-pass filter. VR1 is the main voltage
regulator for all components on the development board.
1.4.8.3
PUSHBUTTON SWITCHES
Two pushbutton switches, S5 and S6, are connected to external interrupt pins INT0 and
INT1, respectively, on the dsPIC30F device via headers H6 and H7, respectively.
1.4.9
Digital Outputs
The dsPICDEM™ 2 provides the following output devices that can be used to display
output information from your application program:
• LED Indicators (D3 and D4)
• LCD Display (LCD1/LCD2)
1.4.9.1
LED INDICATORS
LEDs D3 and D4 are connected to port pins RB0 and RB1, respectively on the installed
dsPIC DSC device via header H12. The LED anodes are tied to VDD through a 1.2K
resistor.
1.4.9.2
LCD DISPLAY
A 2 x 16 character dot matrix LCD display is provided on the development board. The
installed dsPIC30F device writes characters to the LCD via the clock (SCK1) and data
(SDO1) pins on the device’s SPI1 module.
1.4.10
External Connections
Prototyping areas H8 and H9 provide external connections from the motor control and
general purpose devices, respectively. These connections allow you to use hardware
and test equipment not provided on the dsPICDEM™ 2 board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com