Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM300018 Datasheet(PDF) 94 Page - Microchip Technology

Part # DM300018
Description  dsPICDEM??2 Development Board User?셲 Guide
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM300018 Datasheet(HTML) 94 Page - Microchip Technology

Back Button DM300018 Datasheet HTML 90Page - Microchip Technology DM300018 Datasheet HTML 91Page - Microchip Technology DM300018 Datasheet HTML 92Page - Microchip Technology DM300018 Datasheet HTML 93Page - Microchip Technology DM300018 Datasheet HTML 94Page - Microchip Technology DM300018 Datasheet HTML 95Page - Microchip Technology DM300018 Datasheet HTML 96Page - Microchip Technology DM300018 Datasheet HTML 97Page - Microchip Technology DM300018 Datasheet HTML 98Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 115 page
background image
dsPICDEM 2 Development Board User’s Guide
DS51558A-page 88
© 2005 Microchip Technology Inc.
TABLE 14-1:
dsPICDEM™ 1.1 DEVELOPMENT BOARD HARDWARE
14.1.1
Power Supply
The dsPICDEM™ 2 Development Board may be powered by a +9V AC/DC wall
adapter. A DC voltage regulator is provided so as to regulate the +9V input from the
wall adaptor and supply +5V to VDD and AVDD pins on the dsPIC30F device. In order
to supply power to the board from a wall adaptor, the jumpers JP1 and JP2 need to be
installed and power should be supplied via the J4 jack. The PWR ON LED, D1 will
illuminate if the power has been applied to the board appropriately.
The schematics of the power supply circuits are shown in Figure A-8: “dsPICDEM™
2 Development Board Schematic (Sheet 7 of 7)”.
No.
Hardware Element
No.
Hardware Element
1
CAN Port
(see Section 14.1.6)
19
Switch S6 header
(see Section 14.1.8)
2CAN Transceiver
(see Section 14.1.6)
20
Analog Potentiometer
(see Section 14.1.12)
3
CAN Header
(see Section 14.1.6)
21
Analog Potentiometer Header
(see Section 14.1.12)
4
External Power Supply Inputs
(see Section 14.1.1)
22
LCD Graphic Display
(see )
5
Power On LED
(see Section 14.1.1)
23
SPI™ Controller for LCD
(see Section 14.1.5)
6
Power Supply jumpers
(see Section 14.1.1)
24
SPI™ Programming Header
(see Section 14.1.5)
7
Voltage Regulator
(see Section 14.1.1)
25
LCD Controller Header
(see Section 14.1.5)
8
UART 1 Header
(see Section 14.1.7)
26
Temperature Sensor Header
(see Section 14.1.11)
9
DIP Switch, debug selector for general
purpose device sockets
(see Section 14.1.4)
27
Temperature Sensor
(see Section 14.1.11)
10
Alternate UART 1 header
(see Section 14.1.7)
28
External Connection Headers
(see Section 14.1.10)
11
Device Headers, concentric sockets
for dsPIC30F devices
(see Section 14.1.2)
29
Crystal Oscillator, for motor control
devices
(see Section 14.1.3)
12
Crystal Oscillator, for General Purpose
Devices
(see Section 14.1.3)
30
DIP Switch, Debug Selector for motor
control device sockets
(see Section 14.1.4)
13
Reset Pushbutton Switch
(see Section 14.1.13)
31
dsPIC30F4011 Device
(see Section 14.1.2)
14
UART 2 header
(see Section 14.1.7)
32
Programming Selector DIP Switch
(see Section 14.1.4)
15
Output LEDs
(see Section 14.1.9)
33
ICD Connector
(see Section 14.1.4)
16
LED Header
(see Section 14.1.9)
34
UART Transceiver
(seeSection 14.1.7)
17
Pushbutton Switches S5 and S6
(see Section 14.1.8)
35
RS-232 Serial Port
(see Section 14.1.7)
18
Switch S5 header
(see Section 14.1.8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com