Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM300018 Datasheet(PDF) 99 Page - Microchip Technology

Part # DM300018
Description  dsPICDEM??2 Development Board User?셲 Guide
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM300018 Datasheet(HTML) 99 Page - Microchip Technology

Back Button DM300018 Datasheet HTML 95Page - Microchip Technology DM300018 Datasheet HTML 96Page - Microchip Technology DM300018 Datasheet HTML 97Page - Microchip Technology DM300018 Datasheet HTML 98Page - Microchip Technology DM300018 Datasheet HTML 99Page - Microchip Technology DM300018 Datasheet HTML 100Page - Microchip Technology DM300018 Datasheet HTML 101Page - Microchip Technology DM300018 Datasheet HTML 102Page - Microchip Technology DM300018 Datasheet HTML 103Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 115 page
background image
Hardware
© 2005 Microchip Technology Inc.
DS51558A-page 93
14.1.10
External Connection Headers
Two 40-pin headers, H8 and H9, allow the user to connect hardware external to the
dsPICDEM 2 Development Board into the circuit.
The schematic of the external connection headers is shown in Figure
A-6: “dsPICDEM™ 2 Development Board Schematic (Sheet 5 of 7)”.
14.1.11
Analog Temperature Sensor
Temperature sensor, U5, is a -40°C to +125°C linear output TC1047A connected to
analog channel AN3 of the dsPIC30F device through header H10. The header H10
allows the temperature sensor output to be fed to dsPIC30F devices in the Motor
Control family (M ALL position) or the General Purpose and Sensor family (GP ALL
position). The output of the temperature sensor is fed directly to the dsPIC DSC device.
The output voltage range for the TC1047A is typically 750 mV at +25°C. The TC1047A
exhibits a typical 10 mV/C voltage slope.
The schematic of the temperature sensor is shown in Figure A-6: “dsPICDEM™ 2
Development Board Schematic (Sheet 5 of 7)”
14.1.12
Analog Potentiometer
Potentiometer, R15, is connected to analog channel, AN2, of the dsPIC30F devices via
header H13. The voltage output range for the potentiometer is between 0VDC and VDD
(+5VDC). The voltage source is provided by VR1 or TP1. The header, H13, allows the
potentiometer output to be fed to dsPIC30F devices in the Motor Control family (M ALL
position) or the General Purpose and Sensor family (GP ALL position)
The schematic of the analog potentiometer circuit is shown in Figure
A-6: “dsPICDEM™ 2 Development Board Schematic (Sheet 5 of 7)”.
14.1.13
Reset Switch
The Reset switch (S1) is connected to the MCLR pin on all device sockets, as well as
the LCD and LCD controller (dsPIC30F2011). The Reset switch circuit is shown in
Figure A-7: “dsPICDEM™ 2 Development Board Schematic (Sheet 6 of 7)”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com