Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM300018 Datasheet(PDF) 76 Page - Microchip Technology

Part # DM300018
Description  dsPICDEM??2 Development Board User?셲 Guide
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM300018 Datasheet(HTML) 76 Page - Microchip Technology

Back Button DM300018 Datasheet HTML 72Page - Microchip Technology DM300018 Datasheet HTML 73Page - Microchip Technology DM300018 Datasheet HTML 74Page - Microchip Technology DM300018 Datasheet HTML 75Page - Microchip Technology DM300018 Datasheet HTML 76Page - Microchip Technology DM300018 Datasheet HTML 77Page - Microchip Technology DM300018 Datasheet HTML 78Page - Microchip Technology DM300018 Datasheet HTML 79Page - Microchip Technology DM300018 Datasheet HTML 80Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 115 page
background image
dsPICDEM 2 Development Board User’s Guide
DS51558A-page 70
© 2005 Microchip Technology Inc.
1.
Disconnect the power source.
2.
Remove any dsPIC30Fxxxx device currently plugged into the dsPICDEM 2
Development Board.
3.
Plug the dsPIC30F4011 into socket U2A1.
4.
Configure the hardware components as shown in Table 11-1.
5.
Connect the RS-232 cable from the PC to the UART connector (J2).
6.
Reapply power to the DC IN connector (J4). The PWR ON LED should illuminate.
7.
Load the sample application program for the dsPIC30F4011 (see
Section 11.4 “Device Programming”).
TABLE 11-1:
dsPIC30F4011 CONFIGURATION SETTINGS
Component
Header
Socket U2A1
No.
Setting
Pin
Device Functions (see Figure 11-1)
Jumper JP1
JP1
Jumper
—
5 VDC jumper installed
Jumper JP2
JP2
Jumper
—
5 VDC jumper installed
Selector Switch
S2
M ALL ON 25,26 PGC and PGD
Selector Switch
S3
OFF
—
Not used in this configuration
Selector Switch
S4
OFF
—
Not used in this configuration
PGM U3
H11
Open
—
—
CAN Tx
H2
Open
—
—
CAN Rx
H2
Open
—
—
UART1 Tx*
H3
Open
—
—
UART1 Rx*
H3
Open
—
—
Alternate UART1 Tx*
H4
M ALL
—
EMUD1/SOSCI/T2CK/U1ATX/CN1/RC13
Alternate UART1 Rx* H4
M ALL
—
EMUC1/SOSCO/T1CK/U1ARX/CN0/RC14
UART2 Tx*
H5
Open
—
—
UART2 Rx*
H5
Open
—
—
Temperature Sensor
H10
M ALL
5
AN3/INDX/CN5/RB3
Potentiometer
H13
M ALL
4
AN2/SS1/CN4/RB2
Switch S5
H6
M ALL
17
FLTA/INT0/SCK1/OCFA/RE8
Switch S6
H7
M ALL
23
EMUC2/OC1/IC1/INT1/RD0
LED D3
H12
M D3
2
EMUD3/AN0/VREF+/CN2/RB0
LED D4
H12
M D4
3
EMUC3/AN1/VREF-/CN3/RB1
LCD - SPI™ Clock*
H1
M40
24
FLTA/INT0/SCK1/OCFA/RE8
LCD - SPI Data*
H1
M40
25
PGD/EMUD/U1TX/SDO1/SCL/RF3
*
On this device, multiplexing of various peripherals on the pins does not allow the
simultaneous use of:
– Switch S5 and LCD.
– Primary UART1 pins and LCD.
Since only one DB-9 connector is provided for RS-232 communication, you can
select either UART1 (primary or alternate pins) or UART2, but not both.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com