Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM300018 Datasheet(PDF) 95 Page - Microchip Technology

Part # DM300018
Description  dsPICDEM??2 Development Board User?셲 Guide
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM300018 Datasheet(HTML) 95 Page - Microchip Technology

Back Button DM300018 Datasheet HTML 91Page - Microchip Technology DM300018 Datasheet HTML 92Page - Microchip Technology DM300018 Datasheet HTML 93Page - Microchip Technology DM300018 Datasheet HTML 94Page - Microchip Technology DM300018 Datasheet HTML 95Page - Microchip Technology DM300018 Datasheet HTML 96Page - Microchip Technology DM300018 Datasheet HTML 97Page - Microchip Technology DM300018 Datasheet HTML 98Page - Microchip Technology DM300018 Datasheet HTML 99Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 115 page
background image
Hardware
© 2005 Microchip Technology Inc.
DS51558A-page 89
14.1.2
dsPIC30F Device Sockets
The left side of the dsPICDEM 2 Development Board includes sockets (U2B1 and
U2A1) for 28 and 40-pin devices, respectively, in the Motor Control family. The right
side of the board includes sockets (U1C1, U1B1 and U1A1) for 18, 28 and 40-pin
devices, respectively, in the dsPIC30F General Purpose and Sensor family of devices.
These sockets are concentrically arranged headers that allow supported devices in DIP
packages to be plugged directly into the development board.
Table 14-2 lists the devices accommodated by each socket.
TABLE 14-2:
DEVICE/SOCKET LOCATIONS
The schematic for the general purpose and sensor device sockets is shown in Figure
A-2: “dsPICDEM™ 2 Development Board Schematic (Sheet 1 of 7)”. The
schematic for the motor control device socket is shown in Figure A-3: “dsPICDEM™
2 Development Board Schematic (Sheet 2 of 7)”.
14.1.3
Oscillators
Device clocking is provided by on-board crystal oscillators. A 7.3728 MHz crystal
oscillator(Y2) provides a system clock for the Motor Control family of devices. Another
7.3728 MHz crystal oscillator (Y5) provides a system clock for the General Purpose and
Sensor family of devices.
Through-holes and pads are provided for a user-furnished watch-type crystal and two
capacitors (Y3 and Y6) connected across pins SOSC1 and SOSC2 on the dsPIC30F
device. Such crystals may be used for real-time clock operation.
External clock connections are available for motor control devices at Y1 and general
purpose and sensor devices at Y4.
The schematics showing resistor and capacitor values for all oscillator options are
provided in Figure A-6: “dsPICDEM™ 2 Development Board Schematic (Sheet 5
of 7)”
14.1.4
Programming/Debugging
An RJ11 header has been provided on the dsPICDEM 2 Development Board in
order to interface with device programmers and debuggers like MPLAB ICD 2
and PRO MATE™ 3. DIP switches in S2, S3 and S4 are provided to connect
the PRO MATE 3 or MPLAB ICD 2 In-Circuit Debugger to the programming and
debugging pins on the installed dsPIC30F device.
Switches within S2 should always be used to designate the device being programmed
by MPLAB ICD2. These switches connect the clock and data lines from ICD 2 to the
Programming and Default Debugging channels (PGC/EMUC and PGD/EMUD) on the
dsPIC30F device. In some instances, users may find that their application uses certain
peripherals multiplexed on either the PGC/EMUC or the PGD/EMUD pins. In such
cases, they may avail of alternate debugging channels, EMUC1 & EMUD1 or EMUC2
& EMUD2 or EMUC3 & EMUD3. The dsPICDEM 2 Development Board supports the
Header Label
dsPIC30F Devices Accommodated
General Purpose and Sensor Family
U1A1
dsPIC30F3014, 4013
U1B1
dsPIC30F2012, 3013
U1C1
dsPIC30F2011, 3012
Motor Control Family
U2A1
dsPIC30F3011, 4011
U2B1
dsPIC30F2010, 3010,4012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com