Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM300018 Datasheet(PDF) 88 Page - Microchip Technology

Part # DM300018
Description  dsPICDEM??2 Development Board User?셲 Guide
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM300018 Datasheet(HTML) 88 Page - Microchip Technology

Back Button DM300018 Datasheet HTML 84Page - Microchip Technology DM300018 Datasheet HTML 85Page - Microchip Technology DM300018 Datasheet HTML 86Page - Microchip Technology DM300018 Datasheet HTML 87Page - Microchip Technology DM300018 Datasheet HTML 88Page - Microchip Technology DM300018 Datasheet HTML 89Page - Microchip Technology DM300018 Datasheet HTML 90Page - Microchip Technology DM300018 Datasheet HTML 91Page - Microchip Technology DM300018 Datasheet HTML 92Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 115 page
background image
dsPICDEM 2 Development Board User’s Guide
DS51558A-page 82
© 2005 Microchip Technology Inc.
1.
Disconnect the power source.
2.
Remove any dsPIC30Fxxxx device currently plugged into the dsPICDEM 2
Development Board.
3.
Plug the dsPIC30F4013 into socket U1A1.
4.
Configure the hardware components as shown in Table 13-1.
5.
Connect the RS-232 cable from the PC to the UART connector (J2).
6.
Reapply power to the DC IN connector (J4). The PWR ON LED should illuminate.
7.
Load the sample application program for the dsPIC30F4013 (see
Section 13.4 “Device Programming”).
TABLE 13-1:
HARDWARE CONFIGURATION SETTINGS
Component
Header
Socket U1A1
No.
Jumper
Setting
Pin
Device Functions (see Figure 13-1)
Jumper JP1
JP1
Jumper
—
5 VDC jumper installed
Jumper JP2
JP2
Jumper
—
5 VDC jumper installed
Selector Switch
S2
GP 40 ON
8-9
PGC and PGD
Selector Switch
S3
OFF
—
Not used in this configuration
Selector Switch
S4
OFF
—
Not used in this configuration
PGM U3
H11
Open
—
—
CAN Tx
H2
GP ALL
—
—
CAN Rx
H2
GP ALL
—
—
UART1 Tx*
H3
Open
—
—
UART1 Rx*
H3
Open
—
—
Alternate UART1 Tx*
H4
GP ALL
15
EMUD1/SOSCI/T2CK/U1ATX/CN1/RC13
Alternate UART1 Rx* H4
GP ALL
16
EMUC1/SOSCO/T1CK/U1ARX/CN0/RC14
UART2 Tx*
H5
Open
—
—
UART2 Rx*
H5
Open
—
—
Temperature Sensor
H10
GP ALL
5
AN3/CN5/RB3
Potentiometer
H13
GP ALL
4
AN2/SS1/LVDIN/CN4/RB2
Switch S5
H6
GP 40/28
17
INT0/RA11
Switch S6
H7
GP 40
23
IC1/INT1/RD8
LED D3
H12
GP D3
2
AN0/VREF+/CN2/RB0
LED D4
H12
GP D4
3
AN1/VREF-/CN3/RB1
LCD - SPI™ Clock*
H1
GP 40/28
24
EMUC3/SCK1/RF6
LCD - SPI Data*
H1
GP 40/28
25
EMUD3/U1TX/SDO1/SCL/RF3
*
Since only one DB-9 connector is provided for RS-232 communication, you can
select either UART1 (primary or alternate pins) or UART2, but not both.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com