Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM300018 Datasheet(PDF) 98 Page - Microchip Technology

Part # DM300018
Description  dsPICDEM??2 Development Board User?셲 Guide
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM300018 Datasheet(HTML) 98 Page - Microchip Technology

Back Button DM300018 Datasheet HTML 94Page - Microchip Technology DM300018 Datasheet HTML 95Page - Microchip Technology DM300018 Datasheet HTML 96Page - Microchip Technology DM300018 Datasheet HTML 97Page - Microchip Technology DM300018 Datasheet HTML 98Page - Microchip Technology DM300018 Datasheet HTML 99Page - Microchip Technology DM300018 Datasheet HTML 100Page - Microchip Technology DM300018 Datasheet HTML 101Page - Microchip Technology DM300018 Datasheet HTML 102Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 115 page
background image
dsPICDEM 2 Development Board User’s Guide
DS51558A-page 92
© 2005 Microchip Technology Inc.
14.1.8
External Interrupt Switches
Switches S5 and S6 can be connected to the external interrupt pins, INT0 and INT1,
respectively on all supported dsPIC30F devices. Switches S5 and S6 are connected to
the dsPIC DSC device through headers H6 and H7, respectively. The signal lines are
normally pulled up to +5V DC through 4.7 kOhm resistors. Pressing the switch will short
the line to ground.
Table 14-4 lists the connections set up by the jumper positions on headers H6 and H7.
The schematic of the pushbutton switches and selection headers that comprise the
simulated external interrupt circuits is shown in Figure A-7: “dsPICDEM™ 2
Development Board Schematic (Sheet 6 of 7)”.
14.1.9
LED Indicators
Two LEDs D3 and D4 are provided on the dsPICDEM 2 Development Board. These
may be useful in monitoring the status of your application. The LEDs, D3 and D4, are
connected to port pins, RB0 and RB1, on the dsPIC30F devices, respectively. These
LEDs will illuminate if a high signal is fed to them, but will turn off on a low signal.
Header H12 is used to connect the LEDs, D3 and D4, into the circuit. If the jumper is
installed to connect the GP pins, the LED is connected to the General Purpose and
Sensor family device sockets (U1A1, U1B1 and U1C1). If the jumper on H12 is installed
to connect the M ALL pins, the LED is connected to the motor control device sockets
(U2A1 and U2B1).
The schematic of the LED indicator circuits is shown in Figure A-7: “dsPICDEM™ 2
Development Board Schematic (Sheet 6 of 7)”.
TABLE 14-5:
EXTERNAL INTERRUPT HEADER SETTINGS
Header(1)
Pin Position
Function(2)
H6
GP 40
Connects switch S5 to Port pin RA11of the 40-pin dsPIC30F
device in general purpose socket U1A1 to signify external
interrupt INT0.
GP 28
Connects switch S5 to Port pin RF6 of the 28-pin dsPIC30F
device in general purpose socket U1B1 to signify external
interrupt INT0.
GP 18
Connects switch S5 to Port pin RB6 of the 18-pin dsPIC30F
device in general purpose socket U1C1 to signify external
interrupt INT0.
M ALL
Connects switch S5 to Port pin RE8 of the dsPIC30F device in
either motor control socket to signify external interrupt INT0.
H7
GP 40/28
Connects switch S6 to Port pin RD8 of the 28 or 40-pin
dsPIC30F device in general purpose socket U1B1 or U1A1 to
signify external interrupt INT1.
GP 18
Connects switch S6 to Port pin RD0 of the 18-pin dsPIC30F
device in general purpose socket U1C1 to signify external
interrupt INT1.
M ALL
Connects switch S6 to Port pin RD0 of the dsPIC30F device in
either motor control socket to signify external interrupt INT0.
Note 1:
Header H6 selects switch S5 (INT0). Header H7 selects switch S6 (INT1).
2:
Indicates the path established when jumper is installed in that position.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com