Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM300018 Datasheet(PDF) 73 Page - Microchip Technology

Part # DM300018
Description  dsPICDEM??2 Development Board User?셲 Guide
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM300018 Datasheet(HTML) 73 Page - Microchip Technology

Back Button DM300018 Datasheet HTML 69Page - Microchip Technology DM300018 Datasheet HTML 70Page - Microchip Technology DM300018 Datasheet HTML 71Page - Microchip Technology DM300018 Datasheet HTML 72Page - Microchip Technology DM300018 Datasheet HTML 73Page - Microchip Technology DM300018 Datasheet HTML 74Page - Microchip Technology DM300018 Datasheet HTML 75Page - Microchip Technology DM300018 Datasheet HTML 76Page - Microchip Technology DM300018 Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 115 page
background image
Using the dsPIC30F3014
© 2005 Microchip Technology Inc.
DS51558A-page 67
10.6
IN-CIRCUIT DEBUGGING
The sample application program is intended to illustrate how the processor and
peripheral modules handle the functionality provided on the dsPICDEM 2 Development
Board. The MPLAB ICD 2 In-Circuit Debugger was used to program the sample
application into the dsPIC30F device. You can also use the MPLAB ICD 2 In-Circuit
Debugger to examine this baseline code to determine specific applicability to your
application.
The examination process requires that the dsPIC30F3014 device be reprogrammed to
recognize the MPLAB ICD 2 debugger rather than a programmer.
10.6.1
Setting Up MPLAB ICD 2 for Debugging
To change MPLAB ICD 2 from a programmer to a debugger:
1.
From the
Debugger menu, click Select Tool>MPLAB ICD 2 to designate the
MPLAB ICD 2 as the debug tool in MPLAB IDE.
2.
Reprogram the dsPIC30F device (
Debugger>Program menu).
3.
Reset the program and run it. From the
Debugger menu, select Reset>Processor
Reset. Then select Debugger>Run.
Figure 10-3 shows the configuration bits for this set up.
FIGURE 10-3:
CONFIGURATION BITS WINDOW
10.6.2
Examining the Code
After the application has been reprogrammed to use the MPLAB ICD 2 as a debugger,
you can use MPLAB IDE to run, halt and step the program. You can set breakpoints to
halt the program and examine the actual code at any point. You can also examine the
contents of the RAM and registers whenever the processor is halted.
Refer to Section 2.3 “Getting Started” for an overview of the sample application.
Flowcharts illustrate each of these processes:
• Startup and initialization
• Main loop processing
• A/D conversion processing
• External interrupt processing
The dsPICDEM 2 Development Kit/Example Software/30F3014 folder
contains fully annotated code files that you can examine, compare and copy.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com