Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM300018 Datasheet(PDF) 15 Page - Microchip Technology

Part # DM300018
Description  dsPICDEM??2 Development Board User?셲 Guide
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM300018 Datasheet(HTML) 15 Page - Microchip Technology

Back Button DM300018 Datasheet HTML 11Page - Microchip Technology DM300018 Datasheet HTML 12Page - Microchip Technology DM300018 Datasheet HTML 13Page - Microchip Technology DM300018 Datasheet HTML 14Page - Microchip Technology DM300018 Datasheet HTML 15Page - Microchip Technology DM300018 Datasheet HTML 16Page - Microchip Technology DM300018 Datasheet HTML 17Page - Microchip Technology DM300018 Datasheet HTML 18Page - Microchip Technology DM300018 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 115 page
background image
Introduction
© 2005 Microchip Technology Inc.
DS51558A-page 9
The dsPICDEM™ 2 must be configured for the device you have chosen for your appli-
cation. Switches and headers are provided to connect hardware components on the
board with corresponding pins on the dsPIC30F device. Figure 1-2 shows the location
of hardware components and configuration headers that need to be set up depending
on the dsPIC30F device.
FIGURE 1-2:
dsPICDEM™ 2 HARDWARE COMPONENTS
1.4.1
dsPIC30F Device Sockets
For convenience, the board provides separate sockets for Motor Control family devices
and general purpose/sensor family devices. As shown in Figure 1-3, the left side of the
board includes concentric sockets (U2B1 and U2A1) for 28 and 40-pin devices, respec-
tively, in the Motor Control family. The right side includes concentric sockets (U1C1,
U1B1 and U1A1) for 18, 28 and 40-pin devices, respectively, in the General Purpose
and Sensor family.
CAN Connection (J3)
CAN Header (H2)
Power Supply
Selector (S4) for debugging
general purpose devices
Oscillator for General
Purpose device (Y5)
Output LEDs (D3 and D4)
LED Header (H12)
Switches (S5 and S6)
Switches Header (H6 and H7)
Analog Pot (R15)
Pot Header (H13)
Reset switch (S1)
Power Supply jumpers
UART1 Header (H3)
Alternate UART1 Header (H4)
UART2 Header (H5)
(JP1 and JP2)
Concentric sockets for
General Purpose devices
(U1A1, U1B1, U1C1)
LCD (LCD1)
Selector S2 (for programming
and debugging)
Selector S3 (for debugging
motor control devices)
Oscillator for motor control
device (Y2)
Concentric sockets for
motor control devices
(U2A1 & U2B1 under
dsPIC30F4011)
External connection prototyping
headers (H8 and H9)
Temperature Header (H10)
Temperature Sensor (U5)
LCD SPI Header (H1)
LCD Controller Programming
Header (H11)
SPI™ controller for LCD
UART Connection (J2)
MPLAB® Programmer
/Debugger Connection (J1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com