Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM300018 Datasheet(PDF) 19 Page - Microchip Technology

Part # DM300018
Description  dsPICDEM??2 Development Board User?셲 Guide
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM300018 Datasheet(HTML) 19 Page - Microchip Technology

Back Button DM300018 Datasheet HTML 15Page - Microchip Technology DM300018 Datasheet HTML 16Page - Microchip Technology DM300018 Datasheet HTML 17Page - Microchip Technology DM300018 Datasheet HTML 18Page - Microchip Technology DM300018 Datasheet HTML 19Page - Microchip Technology DM300018 Datasheet HTML 20Page - Microchip Technology DM300018 Datasheet HTML 21Page - Microchip Technology DM300018 Datasheet HTML 22Page - Microchip Technology DM300018 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 115 page
background image
dsPICDEM™ 2
DEVELOPMENT BOARD
USER’S GUIDE
© 2005 Microchip Technology Inc.
DS51558A-page 13
Chapter 2. Getting Started
2.1
INTRODUCTION
The dsPICDEM™ 2 Development Board provides both a hardware and software base-
line capability to help jump start your application. The board is pre-configured for and
populated with a dsPIC30F4011 Digital Signal Controller (DSC). The dsPIC30F4011 is
preprogrammed with a sample application program ready to run out of the box.
This chapter describes how to run the application and evaluate the program to take
advantage of the sample software.
2.2
HIGHLIGHTS
Items discussed in this chapter include:
• Getting Started
• Out-of-the-Box Demo
• Device Programming Process
• In-Circuit Debugging Process
• Summary
2.3
GETTING STARTED
The dsPICDEM 2 sample application program demonstrates key functionality of the
dsPIC30F devices. This sample application program processes analog data from a
temperature sensor and potentiometer provided on the board. It also processes
interrupts generated from pushbutton switches on the board. Based on the input data,
the program creates output in the form of LED indicators, which blink in response to the
pushbutton switches, and an LCD screen, which displays the temperature and
potentiometer values. The program also uses the dsPIC30F’s UART module to mirror
LCD information (via RS-232 connection) to a remote terminal.
The sample application is written in C language and tailored specifically for each
dsPIC30F device supported by the dsPICDEM™ 2 Development Board. Figure 2-1
outlines helpful processes to get you started using the dsPICDEM 2 board.
FIGURE 2-1:
GETTING STARTED PROCESSES
Open the MPLAB® IDE
workspace for selected
dsPIC30F device (see
Setting up MPLAB IDE)
Build project and program
the dsPIC30F device
(see Build the Project)
Release device from reset
& observe application (see
Run the Application)
Select MPLAB ICD 2 as
Debugger, build project and
program device
Evaluate program for
applicability to your need
Set breakpoint and
examine application
program code
Apply power to board and
run application
(see Observe Sample
Application)
Out-of-the-Box Demo
Device Programming
In-Circuit Debugging
Connect your PC to the
dsPICDEM™ 2 board
(see Figure 2-2)
Launch HyperTerminal®
(see Connect PC and Start
HyperTerminal Session)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com