Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DM300018 Datasheet(PDF) 13 Page - Microchip Technology

Part # DM300018
Description  dsPICDEM??2 Development Board User?셲 Guide
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DM300018 Datasheet(HTML) 13 Page - Microchip Technology

Back Button DM300018 Datasheet HTML 9Page - Microchip Technology DM300018 Datasheet HTML 10Page - Microchip Technology DM300018 Datasheet HTML 11Page - Microchip Technology DM300018 Datasheet HTML 12Page - Microchip Technology DM300018 Datasheet HTML 13Page - Microchip Technology DM300018 Datasheet HTML 14Page - Microchip Technology DM300018 Datasheet HTML 15Page - Microchip Technology DM300018 Datasheet HTML 16Page - Microchip Technology DM300018 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 115 page
background image
dsPICDEM™ 2
DEVELOPMENT BOARD
USER’S GUIDE
© 2005 Microchip Technology Inc.
DS51558A-page 7
Chapter 1. Introduction
1.1
INTRODUCTION
The dsPICDEM™ 2 Development Board is a development and evaluation tool that
helps you create embedded applications using dsPIC30F Digital Signal Controllers
(DSC) in 18-pin PDIP, 28-pin SPDIP and 40-pin PDIP packages. The dsPICDEM™ 2
Development Board provides both a hardware and software baseline capability to help
jump start your application.
Sockets are provided for 28 and 40-pin devices in the dsPIC30F Motor Control family
and 18, 28 and 40-pin devices in the dsPIC30F General Purpose and Sensor family.
For each device supported by the board, the product CD includes a sample application
program designed specifically for that device. Thus, regardless of the dsPIC30F device
you choose for your application, you also have sample code appropriate to that device.
1.2
HIGHLIGHTS
This chapter discusses:
• dsPICDEM™ 2 Development Board
• dsPICDEM™ 2 Development Board Resources
• Sample Application Projects
• Host System Environment
1.3
dsPICDEM™ 2 DEVELOPMENT BOARD
The dsPICDEM™ 2 Development Board (Figure 1-1) includes a dsPIC30F4011 Digital
Signal Processor in the 40-pin motor control socket, a power supply regulator, crystal
oscillators for each set of sockets, an ICD header for the MPLAB ICD 2 In-Circuit
Debugger and both UART and CAN ports for external communication. In addition, the
board is populated with prototyping hardware, including LED indicators, push-button
switches, a potentiometer, a temperature sensor and an LCD screen. All pins on all the
device sockets are accessible on prototyping areas. Also included is the dsPICDEM™
2 Development Kit CD, which contains software and this User’s Guide.
Key hardware features include:
• Multiple sockets for 18, 28 and 40-pin PDIP and SPDIP devices
• dsPIC30F4011 40-pin PDIP sample device installed on the board
• 5V regulator provides VDD and AVDD from a 9V DC power supply. An LED
indicates when the power is on.
• Connector for MPLAB® ICD 2 In-Circuit Debugger or MPLAB ICE 4000 In-Circuit
Emulator
• RS-232 interface
• Controller Area Network (CAN) interface
• Temperature sensor and analog potentiometer to simulate A/D inputs
• Pushbutton switches and LED indicators to simulate digital input and output
• 2x16 ASCII Character LCD with SPI™ interface
• 2x20 prototyping header area for user hardware expansion (header not provided)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com