Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7932 Datasheet(PDF) 35 Page - Analog Devices

Part # ADE7932
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7932 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADE7932 Datasheet HTML 31Page - Analog Devices ADE7932 Datasheet HTML 32Page - Analog Devices ADE7932 Datasheet HTML 33Page - Analog Devices ADE7932 Datasheet HTML 34Page - Analog Devices ADE7932 Datasheet HTML 35Page - Analog Devices ADE7932 Datasheet HTML 36Page - Analog Devices ADE7932 Datasheet HTML 37Page - Analog Devices ADE7932 Datasheet HTML 38Page - Analog Devices ADE7932 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 120 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932
Rev. 0 | Page 35 of 120
VOLTAGE CHANNEL ADCs
In this data sheet, the measurements obtained on the voltage
channel of the ADE7933/ADE7932 devices that monitor Phase A,
Phase B, and Phase C are called VA, VB, and VC, respectively. The
measurement obtained on the voltage channel of the ADE7933/
ADE7932 device that monitors the neutral current is called VN
(see Figure 102). VA, VB, VC, and VN represent the signals mea-
sured between the V1P and VM pins of the ADE7933/ADE7932
devices in the system. The signals measured between the V2P and
VM pins of the ADE7933/ADE7932 devices are called VA2, VB2,
VC2, and VN2 (see the Second Voltage Channel and Temperature
Measurement section).
Figure 46 shows the ADC and signal processing chain for Input VA
in the voltage channel (the path is the same for VB and VC).
The ADC outputs are signed twos complement 24-bit words
and are available at a rate of 8 kSPS.
With the specified full-scale analog input signal of ±0.5 V, the
ADC produces its maximum output code value. Figure 46 shows
a full-scale voltage signal applied to the differential inputs (V1P
and VM). The ADC output swings from −5,320,000 to +5,320,000.
Note these are nominal values, and every ADE7978/ADE7933/
ADE7932 chipset varies around these values.
Input VN between the V1P and VM pins of the neutral line
ADE7933/ADE7932 corresponds to the earth to neutral voltage
of a 3-phase system. If no voltage is monitored at the V1P pin,
connect the V1P pin to the VM pin. The datapath of the earth
to neutral voltage is similar to the path of the phase voltages, as
shown in Figure 47.
AVGAIN[23:0]
HPFEN BIT
CONFIG[4]
HPF
+0.5V
ANALOG INPUT RANGE
0V
–0.5V
0x512D40 =
+5,320,000
VOLTAGE CHANNEL
DATA RANGE
ADC OUTPUT RANGE
0V
0xFFAED2C0 =
–5,320,000
0x512D40 =
+5,320,000
ZX SIGNAL DATA RANGE
0V
0xFFAED2C0 =
–5,320,000
TOTAL/FUNDAMENTAL
ACTIVE AND REACTIVE
POWER CALCULATION
FUNDAMENTAL VOLTAGE RMS
(AFVRMS) CALCULATION
VOLTAGE RMS (AVRMS)
CALCULATION
VAWV WAVEFORM
SAMPLE REGISTER
VOLTAGE PEAK,
OVERVOLTAGE, SAG DETECTION
ZX DETECTION
LPF1
REFERENCE
PHASE A
ADE7933
Σ-Δ
MODULATOR
V1P
VIN
VM
DIGITAL
LPF
ADE7978
VIN
Figure 46. Phase A to Neutral Voltage Channel Datapath
NVGAIN[23:0]
HPFEN BIT
CONFIG[4]
HPF
+0.5V
ANALOG INPUT RANGE
0V
–0.5V
0x512D40 =
+5,320,000
VOLTAGE CHANNEL
DATA RANGE
ADC OUTPUT RANGE
0V
0xFFAED2C0 =
–5,320,000
VOLTAGE RMS (NVRMS)
CALCULATION
VNWV WAVEFORM
SAMPLE REGISTER
REFERENCE
NEUTRAL LINE
ADE7933
Σ-Δ
MODULATOR
V1P
VIN
VM
DIGITAL
LPF
ADE7978
VIN
Figure 47. Earth to Neutral Voltage Channel Datapath



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com