Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7932 Datasheet(PDF) 88 Page - Analog Devices

Part # ADE7932
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7932 Datasheet(HTML) 88 Page - Analog Devices

Back Button ADE7932 Datasheet HTML 84Page - Analog Devices ADE7932 Datasheet HTML 85Page - Analog Devices ADE7932 Datasheet HTML 86Page - Analog Devices ADE7932 Datasheet HTML 87Page - Analog Devices ADE7932 Datasheet HTML 88Page - Analog Devices ADE7932 Datasheet HTML 89Page - Analog Devices ADE7932 Datasheet HTML 90Page - Analog Devices ADE7932 Datasheet HTML 91Page - Analog Devices ADE7932 Datasheet HTML 92Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 120 page
background image
ADE7978/ADE7933/ADE7932
Data Sheet
Rev. 0 | Page 88 of 120
Bipolar ac voltage is the most stringent environment. The goal
of a 50-year operating lifetime under the bipolar ac condition
determines the maximum working voltage recommended by
Analog Devices. In the case of unipolar ac or dc voltage, the stress
on the insulation is significantly lower. This allows operation at
higher working voltages while still achieving a 50-year service life.
The working voltages listed in Table 12 can be applied while
maintaining the 50-year minimum lifetime, provided that the
voltage conforms to either the unipolar ac or dc voltage cases.
Treat any cross-insulation voltage waveform that does not con-
form to Figure 111 or Figure 112 as a bipolar ac waveform, and
limit its peak voltage to the 50-year lifetime voltage value listed
in Table 12.
The voltage presented in Figure 111 is shown as sinusoidal for
illustration purposes only. It is meant to represent any voltage
waveform varying between 0 V and some limiting value. The
limiting value can be positive or negative, but the voltage cannot
cross 0 V.
LAYOUT GUIDELINES
Figure 34 shows the test circuit of the ADE7978/ADE7933/
ADE7932 chipset. The test circuit contains four ADE7933
devices and one ADE7978, together with the circuitry required
to sense the phase currents and voltages in a 3-phase system.
The chipset is managed by a microcontroller using the SPI
interface. (The microcontroller is not shown in the schematic.)
Figure 34 replicates the schematic of the ADE7978/ADE7933
evaluation board (see the ADE7978 and ADE7933/ADE7932
Evaluation Board section).
Figure 113 and Figure 114 show a recommended layout for a
printed circuit board (PCB) with two layers; in this layout, the
components are placed only on the top side of the board.
Following these layout guidelines helps to create a low noise
design with higher immunity to EMC influences. Note that
Figure 113 and Figure 114 show layout images that were
cropped from images of a board containing other circuitry
besides the ADE7978 and ADE7933 devices.
The layout of a meter using the ADE7932 is very similar to
the one designed for the ADE7933. The only difference is the
absence of the voltage channel V2P and its related circuitry: the
resistor divider and the protection diodes.
The primary supply voltage is supplied at VDD (Pin 19) of the
ADE7933. Two decoupling capacitors are placed between VDD
and GND (Pin 20): a 10 µF capacitor and a 100 nF ceramic
capacitor. The ceramic capacitor must be placed closest to the
ADE7933/ADE7932 because it decouples the high frequency
noise; the 10 µF capacitor must be placed in close proximity to
the ADE7933/ADE7932.
The ADE7933 VDDISO pin (Pin 1) is decoupled from GNDISO
(Pin 2) using two capacitors: a 10 µF capacitor and a 100 nF
ceramic capacitor. Place the ceramic capacitor closest to the
ADE7933/ADE7932; place the 10 µF capacitor in close prox-
imity to the ADE7933/ADE7932.
The ADE7933 LDO and REF pins (Pin 8 and Pin 9) are each
decoupled from GNDISO (Pin 10) using two capacitors: a 4.7 µF
capacitor and a 100 nF ceramic capacitor. Place the ceramic
capacitor closest to the ADE7933/ADE7932; place the 4.7 µF
capacitor in close proximity to the ADE7933/ADE7932.
Note that the ADE7933/ADE7932 isolated ground point is one
of the shunt poles. This point is directly connected to Pin 10
(GNDISO). It is not necessary to connect the shunt ground pole
to Pin 2; the two GNDISO pins (Pin 2 and Pin 10) are internally
connected to each other.
Note that the top layer components placed on the isolated
secondary side of the ADE7933 are surrounded by a ground plane
connected to GNDISO. The bottom layer extends the ground of
the primary side below the ADE7933 and the related circuitry,
creating a stitching capacitor. This capacitance has an important
role in reducing the emissions generated by the dc-to-dc converter
of the ADE7933/ADE7932. Note that a distance of at least 8 mm
is maintained on both sides between the input pins on the board
and the ground planes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com