Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7932 Datasheet(PDF) 100 Page - Analog Devices

Part # ADE7932
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7932 Datasheet(HTML) 100 Page - Analog Devices

Back Button ADE7932 Datasheet HTML 96Page - Analog Devices ADE7932 Datasheet HTML 97Page - Analog Devices ADE7932 Datasheet HTML 98Page - Analog Devices ADE7932 Datasheet HTML 99Page - Analog Devices ADE7932 Datasheet HTML 100Page - Analog Devices ADE7932 Datasheet HTML 101Page - Analog Devices ADE7932 Datasheet HTML 102Page - Analog Devices ADE7932 Datasheet HTML 103Page - Analog Devices ADE7932 Datasheet HTML 104Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 120 page
background image
ADE7978/ADE7933/ADE7932
Data Sheet
Rev. 0 | Page 100 of 120
Address
Register
Name
R/W1
Bit
Length
Bit Length During
Communication2
Type3
Default
Value
Description
0x43A9
AFIRMSOS
R/W
24
32 ZPSE
S
0x000000
Phase A fundamental current rms offset.
0x43AA
BFIRMSOS
R/W
24
32 ZPSE
S
0x000000
Phase B fundamental current rms offset.
0x43AB
CFIRMSOS
R/W
24
32 ZPSE
S
0x000000
Phase C fundamental current rms offset.
0x43AC
AFVRMSOS
R/W
24
32 ZPSE
S
0x000000
Phase A fundamental voltage rms offset.
0x43AD
BFVRMSOS
R/W
24
32 ZPSE
S
0x000000
Phase B fundamental voltage rms offset.
0x43AE
CFVRMSOS
R/W
24
32 ZPSE
S
0x000000
Phase C fundamental voltage rms offset.
0x43AF
TEMPCO
R/W
24
32 ZPSE
S
0x000000
Temperature coefficient of the shunt.
0x43B0
ATEMP0
R/W
24
32 ZPSE
S
0x000000
Phase A ADE7933/ADE7932 ambient
temperature at calibration.
0x43B1
BTEMP0
R/W
24
32 ZPSE
S
0x000000
Phase B ADE7933/ADE7932 ambient
temperature at calibration.
0x43B2
CTEMP0
R/W
24
32 ZPSE
S
0x000000
Phase C ADE7933/ADE7932 ambient
temperature at calibration.
0x43B3
NTEMP0
R/W
24
32 ZPSE
S
0x000000
Neutral line ADE7933/ADE7932 ambient
temperature at calibration.
0x43B4
ATGAIN
R/W
24
32 ZPSE
S
0x000000
Phase A temperature gain adjust.
0x43B5
BTGAIN
R/W
24
32 ZPSE
S
0x000000
Phase B temperature gain adjust.
0x43B6
CTGAIN
R/W
24
32 ZPSE
S
0x000000
Phase C temperature gain adjust.
0x43B7
NTGAIN
R/W
24
32 ZPSE
S
0x000000
Neutral line temperature gain adjust.
0x43B8
to
0x43BF
Reserved
N/A
N/A
N/A
N/A
0x000000
These memory locations should be kept at
0x000000 for proper operation.
0x43C0
AIRMS
R
24
32 ZP
S
N/A
Phase A current rms value.
0x43C1
AVRMS
R
24
32 ZP
S
N/A
Phase A voltage rms value.
0x43C2
AV2RMS
R
24
32 ZP
S
N/A
Phase A V2P voltage rms value.
0x43C3
BIRMS
R
24
32 ZP
S
N/A
Phase B current rms value.
0x43C4
BVRMS
R
24
32 ZP
S
N/A
Phase B voltage rms value.
0x43C5
BV2RMS
R
24
32 ZP
S
N/A
Phase B V2P voltage rms value.
0x43C6
CIRMS
R
24
32 ZP
S
N/A
Phase C current rms value.
0x43C7
CVRMS
R
24
32 ZP
S
N/A
Phase C voltage rms value.
0x43C8
CV2RMS
R
24
32 ZP
S
N/A
Phase C V2P voltage rms value.
0x43C9
NIRMS
R
24
32 ZP
S
N/A
Neutral current rms value.
0x43CA
ISUM
R
28
32 ZP
S
N/A
Sum of IAWV, IBWV, and ICWV registers.
0x43CB
ATEMP
R
24
32 ZP
S
N/A
Phase A ADE7933/ADE7932 temperature.
0x43CC
BTEMP
R
24
32 ZP
S
N/A
Phase B ADE7933/ADE7932 temperature.
0x43CD
CTEMP
R
24
32 ZP
S
N/A
Phase C ADE7933/ADE7932 temperature.
0x43CE
NTEMP
R
24
32 ZP
S
N/A
Neutral line ADE7933/ADE7932
temperature.
0x43CF
to
0x43FF
Reserved
N/A
N/A
N/A
N/A
0x000000
These memory locations should be kept at
0x000000 for proper operation.
1
R = read only; R/W = read and write; N/A = not applicable.
2
32 ZPSE = 24-bit signed register that is transmitted as a 32-bit word with four MSBs padded with 0s and sign extended to 28 bits. 32 ZP = 28- or 24-bit signed or
unsigned register that is transmitted as a 32-bit word with four MSBs or eight MSBs, respectively, padded with 0s.
3
S = signed register in twos complement format.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com