Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7932 Datasheet(PDF) 48 Page - Analog Devices

Part # ADE7932
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7932 Datasheet(HTML) 48 Page - Analog Devices

Back Button ADE7932 Datasheet HTML 44Page - Analog Devices ADE7932 Datasheet HTML 45Page - Analog Devices ADE7932 Datasheet HTML 46Page - Analog Devices ADE7932 Datasheet HTML 47Page - Analog Devices ADE7932 Datasheet HTML 48Page - Analog Devices ADE7932 Datasheet HTML 49Page - Analog Devices ADE7932 Datasheet HTML 50Page - Analog Devices ADE7932 Datasheet HTML 51Page - Analog Devices ADE7932 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 120 page
background image
ADE7978/ADE7933/ADE7932
Data Sheet
Rev. 0 | Page 48 of 120
Overvoltage and Overcurrent Level Setting
The contents of the 24-bit unsigned overvoltage (OVLVL) and
overcurrent (OILVL) registers are compared to the absolute value
of the voltage and current channels. The maximum value of these
registers is the maximum value of the HPF outputs: 5,320,000.
When the OVLVL or OILVL register is equal to this value, the
overvoltage or overcurrent conditions are never detected. Writing
0x0 to these registers signifies that the overvoltage or overcurrent
condition is continuously detected, and the corresponding
interrupt is permanently triggered.
The serial ports of the ADE7978 work with 32-, 16-, or 8-bit
words. Like the SAGLVL register, the OILVL and OVLVL registers
are transmitted as 32-bit registers with the eight MSBs padded
with 0s (see Figure 61).
NEUTRAL CURRENT MISMATCH
In 3-phase systems, the neutral current is equal to the algebraic
sum of the phase currents.
IN(t) = IA(t) + IB(t) + IC(t)
If there is a mismatch between these two quantities, a tamper
situation may have occurred in the system.
The ADE7978 computes the sum of the phase currents by
adding the contents of the IAWV, IBWV, and ICWV registers
(Address 0xE50C to Address 0xE50E) and storing the result in
the 28-bit signed ISUM register (Address 0x43CA).
ISUM(t) = IA(t) + IB(t) + IC(t)
The ISUM value is computed every 125 µs (8 kHz frequency), the
rate at which the current samples are available. Bit 17 (DREADY)
in the STATUS0 register is used to signal when the ISUM register
can be read. For more information about the DREADY bit, see
the Digital Signal Processor section.
To recover the ISUM(t) value from the ISUM register, use the
following equation:
FS
MAX
SUM
I
ADC
ISUM[27:0]
t
I
×
=
)
(
where:
ADCMAX = 5,320,000, the ADC output when the input is
at full scale.
IFS is the full-scale ADC phase current.
Note that the ADE7978 also computes the rms of ISUM and
stores it in the NIRMS register (Address 0x43C9) when Bit 14
(INSEL) in the CONFIG register is set to 1. For more informa-
tion, see the Current RMS Calculation section.
When Bits[5:4] (CONSEL[1:0]) in the ACCMODE register are
set to 01 (meter functions in a 3-wire delta configuration), the
Phase B ADE7933/ADE7932 is not connected, and the IBWV
value output by the HPF is 0. In this case, ISUM represents a
negative estimate of the Phase B current (−IBWV). The NIRMS
register contains the rms value of the Phase B current if Bit 14
(INSEL) in the CONFIG register is set to 1.
The ADE7978 computes the difference between the absolute values
of ISUM and the neutral current from the INWV register, takes the
absolute value, and compares it against the threshold configured
in the ISUMLVL register (Address 0x4398).
If ||ISUM| − |INWV|| ≤ |ISUMLVL|, it is assumed that the
neutral current is equal to the sum of the phase currents and
that the system is functioning properly.
If ||ISUM| − |INWV|| > |ISUMLVL|, a tamper situation may have
occurred, and Bit 20 (MISMTCH) in the STATUS1 register is set
to 1. An interrupt attached to the flag can be enabled by setting
Bit 20 (MISMTCH) in the MASK1 register. If the interrupt is
enabled, the IRQ1 pin is set low when the MISMTCH status bit
is set to 1. The status bit is cleared and the IRQ1 pin returns high
by writing a 1 to Bit 20 (MISMTCH) in the STATUS1 register.
If ||ISUM| − |INWV|| ≤ |ISUMLVL|, the MISMTCH bit = 0.
If ||ISUM| − |INWV|| > |ISUMLVL|, the MISMTCH bit = 1.
ISUMLVL, the positive threshold used in the process, is a 24-bit
signed register. Because it is used in a comparison with an absolute
value, always set ISUMLVL to a positive value from 0x00000 to
0x7FFFFF. ISUMLVL uses the same scale as the outputs of the
current ADCs; therefore, writing 5,320,000 to the ISUMLVL
register sets the mismatch detection level to full scale (see the
Current Channel ADC section for more information). Writing
0x000000 (the default value) or a negative value to the ISUMLVL
register signifies that the MISMTCH event is always triggered.
Write the correct value for the application to the ISUMLVL
register after power-up or after a hardware or software reset to
avoid continuously triggering MISMTCH events.
The serial ports of the ADE7978 work with 32-, 16-, or 8-bit
words, whereas the DSP works with 28-bit words. The 28-bit
signed ISUM register is transmitted as a 32-bit register with the
four MSBs padded with 0s (see Figure 65).
31
28 27
BIT 27 IS A SIGN BIT
0
28-BIT SIGNED NUMBER
0000
Figure 65. 28-Bit ISUM Register Transmitted as a 32-Bit Word
Like the xIGAIN registers shown in Figure 44, the ISUMLVL
register is sign extended to 28 bits and padded with four 0s for
transmission as a 32-bit register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com