Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7932 Datasheet(PDF) 55 Page - Analog Devices

Part # ADE7932
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7932 Datasheet(HTML) 55 Page - Analog Devices

Back Button ADE7932 Datasheet HTML 51Page - Analog Devices ADE7932 Datasheet HTML 52Page - Analog Devices ADE7932 Datasheet HTML 53Page - Analog Devices ADE7932 Datasheet HTML 54Page - Analog Devices ADE7932 Datasheet HTML 55Page - Analog Devices ADE7932 Datasheet HTML 56Page - Analog Devices ADE7932 Datasheet HTML 57Page - Analog Devices ADE7932 Datasheet HTML 58Page - Analog Devices ADE7932 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 120 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932
Rev. 0 | Page 55 of 120
The second stage consists of accumulating the pulses generated
at the first stage into internal 32-bit accumulation registers. The
contents of these registers are transferred to the watthour registers,
xWATTHR and xFWATTHR, when these registers are accessed.
Figure 77 shows this process.
THRESHOLD
1 PULSE = 1LSB OF WATTHR[31:0]
FIRST STAGE OF
ACTIVE POWER
ACCUMULATION
PULSES
GENERATED
AFTER FIRST
STAGE
Figure 77. Active Power Accumulation Inside the DSP
The threshold is formed by concatenating the 8-bit unsigned
WTHR register (Address 0xEA02) to 27 bits equal to 0. The
WTHR register is configured by the user and is the same for
total active and fundamental powers on all phases. Its value
depends on how much energy is assigned to one LSB of the
watthour registers. For example, if a derivative of Wh (10n Wh,
where n is an integer) is desired as one LSB of the xWATTHR
register, WTHR is calculated using the following equation:
27
2
10
3600
×
×
×
×
×
=
FS
FS
n
S
I
V
f
PMAX
WTHR
(31)
where:
PMAX = 26,991,271 = 0x19BDAA7, the instantaneous power
computed when the ADC inputs are at full scale.
fS = 1.024 MHz, the frequency at which every instantaneous
power computed by the DSP at 8 kHz is accumulated.
VFS and IFS are the rms values of the phase voltages and currents
when the ADC inputs are at full scale.
The WTHR register is an 8-bit unsigned number, so its maxi-
mum value is 28 − 1. Its default value is 0x3. Avoid using values
lower than 3, that is, 2 or 1; never use the value 0 because the
threshold must be a non-zero value.
This discrete time accumulation or summation is equivalent
to integration in continuous time, as shown in Equation 32.
( )
( )
×
=
=
∑
∫
∞
=
→
0
0
T
Lim
n
T
nT
p
dt
t
p
Energy
(32)
where:
n is the discrete time sample number.
T is the sample period.
In the ADE7978, the total phase active powers are accumulated
in the 32-bit signed AWATTHR, BWATTHR, and CWATTHR
registers (Address 0xE400 to Address 0xE402).
The fundamental phase active powers are accumulated in the
32-bit signed AFWATTHR, BFWATTHR, and CFWATTHR
registers (Address 0xE403 to Address 0xE405). The active energy
register contents can roll over to full-scale negative (0x80000000)
and continue to increase in value when the active power is positive.
Conversely, if the active power is negative, the energy register
underflows to full-scale positive (0x7FFFFFFF) and continues
decreasing in value.
The ADE7978 provides a status flag to indicate that one of the
xWATTHR registers is half full. Bit 0 (AEHF) in the STATUS0
register (Address 0xE502) is set when Bit 30 of one of the
xWATTHR registers changes, signifying that one of these
registers is half full.
•
If the active power is positive, the watthour register
becomes half full when it increments from 0x3FFFFFFF
to 0x40000000.
•
If the active power is negative, the watthour register
becomes half full when it decrements from 0xC0000000
to 0xBFFFFFFF.
Similarly, Bit 1 (FAEHF) in the STATUS0 register is set when
Bit 30 of one of the xFWATTHR registers changes, signifying
that one of these registers is half full.
Setting Bits[1:0] in the MASK0 register enables the FAEHF and
AEHF interrupts. When enabled, the IRQ0 pin goes low and the
status bit is set to 1 when one of the energy registers (xWATTHR
for the AEHF interrupt, or xFWATTHR for the FAEHF interrupt),
becomes half full. The status bit is cleared and the IRQ0 pin is
returned high by writing a 1 to the appropriate bit in the STATUS0
register.
Setting Bit 6 (RSTREAD) in the LCYCMODE register
(Address 0xE702) enables a read with reset for all watthour
accumulation registers, that is, the registers are reset to 0 after
a read operation.
INTEGRATION TIME UNDER STEADY LOAD
The discrete time sample period (T) for the accumulation
registers is 976.5625 ns (1.024 MHz frequency). With full-scale
sinusoidal signals on the analog inputs and the watt gain registers
set to 0x00000, the average word value from each LPF2 is PMAX =
26,991,271. If the WTHR register threshold is set to 3 (its mini-
mum recommended value), the first stage accumulator generates
a pulse that is added to the watthour registers at intervals of
s
5683
.
14
10
024
.
1
2
3
6
27
µ
=
×
×
×
PMAX
The maximum value that can be stored in the watthour accu-
mulation register before it overflows is 231 − 1 or 0x7FFFFFFF.
The integration time is calculated as
Time = 0x7FFFFFFF × 14.5683 μs = 8 hr, 41 min, 25 sec
(33)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com