Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7932 Datasheet(PDF) 99 Page - Analog Devices

Part # ADE7932
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7932 Datasheet(HTML) 99 Page - Analog Devices

Back Button ADE7932 Datasheet HTML 95Page - Analog Devices ADE7932 Datasheet HTML 96Page - Analog Devices ADE7932 Datasheet HTML 97Page - Analog Devices ADE7932 Datasheet HTML 98Page - Analog Devices ADE7932 Datasheet HTML 99Page - Analog Devices ADE7932 Datasheet HTML 100Page - Analog Devices ADE7932 Datasheet HTML 101Page - Analog Devices ADE7932 Datasheet HTML 102Page - Analog Devices ADE7932 Datasheet HTML 103Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 120 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932
Rev. 0 | Page 99 of 120
REGISTER LIST
Table 37. Registers Located in DSP Data Memory RAM
Address
Register
Name
R/W1
Bit
Length
Bit Length During
Communication2
Type3
Default
Value
Description
0x4380
AIGAIN
R/W
24
32 ZPSE
S
0x000000
Phase A current gain adjust.
0x4381
AVGAIN
R/W
24
32 ZPSE
S
0x000000
Phase A voltage gain adjust.
0x4382
AV2GAIN
R/W
24
32 ZPSE
S
0x000000
Phase A V2P channel gain adjust.
0x4383
BIGAIN
R/W
24
32 ZPSE
S
0x000000
Phase B current gain adjust.
0x4384
BVGAIN
R/W
24
32 ZPSE
S
0x000000
Phase B voltage gain adjust.
0x4385
BV2GAIN
R/W
24
32 ZPSE
S
0x000000
Phase B V2P channel gain adjust.
0x4386
CIGAIN
R/W
24
32 ZPSE
S
0x000000
Phase C current gain adjust.
0x4387
CVGAIN
R/W
24
32 ZPSE
S
0x000000
Phase C voltage gain adjust.
0x4388
CV2GAIN
R/W
24
32 ZPSE
S
0x000000
Phase C V2P channel gain adjust.
0x4389
NIGAIN
R/W
24
32 ZPSE
S
0x000000
Neutral current gain adjust.
0x438A
NVGAIN
R/W
24
32 ZPSE
S
0x000000
Neutral line V1P channel gain adjust.
0x438B
NV2GAIN
R/W
24
32 ZPSE
S
0x000000
Neutral line V2P channel gain adjust.
0x438C
AIRMSOS
R/W
24
32 ZPSE
S
0x000000
Phase A current rms offset.
0x438D
AVRMSOS
R/W
24
32 ZPSE
S
0x000000
Phase A voltage rms offset.
0x438E
AV2RMSOS
R/W
24
32 ZPSE
S
0x000000
Phase A V2P voltage rms offset.
0x438F
BIRMSOS
R/W
24
32 ZPSE
S
0x000000
Phase B current rms offset.
0x4390
BVRMSOS
R/W
24
32 ZPSE
S
0x000000
Phase B voltage rms offset.
0x4391
BV2RMSOS
R/W
24
32 ZPSE
S
0x000000
Phase B V2P voltage rms offset.
0x4392
CIRMSOS
R/W
24
32 ZPSE
S
0x000000
Phase C current rms offset.
0x4393
CVRMSOS
R/W
24
32 ZPSE
S
0x000000
Phase C voltage rms offset.
0x4394
CV2RMSOS
R/W
24
32 ZPSE
S
0x000000
Phase C V2P voltage rms offset.
0x4395
NIRMSOS
R/W
24
32 ZPSE
S
0x000000
Neutral current rms offset.
0x4396
NVRMSOS
R/W
24
32 ZPSE
S
0x000000
Neutral line V1P voltage rms offset.
0x4397
NV2RMSOS
R/W
24
32 ZPSE
S
0x000000
Neutral line V2P voltage rms offset.
0x4398
ISUMLVL
R/W
24
32 ZPSE
S
0x000000
Threshold used to compare the absolute sum
of phase currents and the neutral current.
0x4399
APGAIN
R/W
24
32 ZPSE
S
0x000000
Phase A power gain adjust.
0x439A
BPGAIN
R/W
24
32 ZPSE
S
0x000000
Phase B power gain adjust.
0x439B
CPGAIN
R/W
24
32 ZPSE
S
0x000000
Phase C power gain adjust.
0x439C
AWATTOS
R/W
24
32 ZPSE
S
0x000000
Phase A total active power offset adjust.
0x439D
BWATTOS
R/W
24
32 ZPSE
S
0x000000
Phase B total active power offset adjust.
0x439E
CWATTOS
R/W
24
32 ZPSE
S
0x000000
Phase C total active power offset adjust.
0x439F
AVAROS
R/W
24
32 ZPSE
S
0x000000
Phase A total reactive power offset adjust.
0x43A0
BVAROS
R/W
24
32 ZPSE
S
0x000000
Phase B total reactive power offset adjust.
0x43A1
CVAROS
R/W
24
32 ZPSE
S
0x000000
Phase C total reactive power offset adjust.
0x43A2
VLEVEL
R/W
24
32 ZPSE
S
0x000000
Register used in the algorithm that
computes the fundamental active and
reactive powers. See Equation 28.
0x43A3
AFWATTOS
R/W
24
32 ZPSE
S
0x000000
Phase A fundamental active power offset
adjust.
0x43A4
BFWATTOS
R/W
24
32 ZPSE
S
0x000000
Phase B fundamental active power offset
adjust.
0x43A5
CFWATTOS
R/W
24
32 ZPSE
S
0x000000
Phase C fundamental active power offset
adjust.
0x43A6
AFVAROS
R/W
24
32 ZPSE
S
0x000000
Phase A fundamental reactive power offset
adjust.
0x43A7
BFVAROS
R/W
24
32 ZPSE
S
0x000000
Phase B fundamental reactive power offset
adjust.
0x43A8
CFVAROS
R/W
24
32 ZPSE
S
0x000000
Phase C fundamental reactive power offset
adjust.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com