Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7932 Datasheet(PDF) 39 Page - Analog Devices

Part # ADE7932
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7932 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADE7932 Datasheet HTML 35Page - Analog Devices ADE7932 Datasheet HTML 36Page - Analog Devices ADE7932 Datasheet HTML 37Page - Analog Devices ADE7932 Datasheet HTML 38Page - Analog Devices ADE7932 Datasheet HTML 39Page - Analog Devices ADE7932 Datasheet HTML 40Page - Analog Devices ADE7932 Datasheet HTML 41Page - Analog Devices ADE7932 Datasheet HTML 42Page - Analog Devices ADE7932 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 120 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932
Rev. 0 | Page 39 of 120
CHANGING THE PHASE VOLTAGE DATAPATH
The ADE7978 can direct one phase voltage input to the compu-
tational datapath of another phase. For example, the Phase A
voltage can be introduced into the Phase B computational data-
path, which means that all powers computed by the ADE7978
in Phase B are based on the Phase A voltage and the Phase B
current. Table 16 lists the settings of the VTOIA[1:0] bits and
the configured phase voltage directed to the Phase A computa-
tional datapath.
Table 16. VTOIA[1:0] Bit Settings (CONFIG Register,
Bits[9:8])
VTOIA[1:0] Bits
Voltage Directed to the Phase A
Computational Datapath
00 (default)
Phase A voltage
01
Phase B voltage
10
Phase C voltage
11
Phase A voltage
Table 17 lists the settings of the VTOIB[1:0] bits and the configured
phase voltage directed to the Phase B computational datapath.
Table 17. VTOIB[1:0] Bit Settings (CONFIG Register,
Bits[11:10])
VTOIB[1:0] Bits
Voltage Directed to the Phase B
Computational Datapath
00 (default)
Phase B voltage
01
Phase C voltage
10
Phase A voltage
11
Phase B voltage
Table 18 lists the settings of the VTOIC[1:0] bits and the con-
figured phase voltage directed to the Phase C computational
datapath.
Table 18. VTOIC[1:0] Bit Settings (CONFIG Register,
Bits[13:12])
VTOIC[1:0] Bits
Voltage Directed to the Phase C
Computational Datapath
00 (default)
Phase C voltage
01
Phase A voltage
10
Phase B voltage
11
Phase C voltage
Figure 50 shows the Phase A voltage used in the Phase B data-
path, the Phase B voltage used in the Phase C datapath, and the
Phase C voltage used in the Phase A datapath.
IA
VA
IB
VB
IC
VC
PHASE A
COMPUTATIONAL
DATAPATH
PHASE B
COMPUTATIONAL
DATAPATH
PHASE C
COMPUTATIONAL
DATAPATH
VTOIA[1:0] = 10,
PHASE C VOLTAGE
DIRECTED
TO PHASE A
VTOIB[1:0] = 10,
PHASE A VOLTAGE
DIRECTED
TO PHASE B
VTOIC[1:0] = 10,
PHASE B VOLTAGE
DIRECTED
TO PHASE C
CPHCAL
BPHCAL
APHCAL
Figure 50. Phase Voltages Used in Different Datapaths
REFERENCE CIRCUITS
The nominal reference voltage at the REF pin of the ADE7933/
ADE7932 is 1.2 V. This reference voltage is used for the ADCs.
Because the on chip dc-to-dc converter cannot supply external
loads, the REF pin cannot be overdriven by a standalone external
voltage reference.
The voltage of the ADE7933/ADE7932 reference drifts slightly
with temperature. Table 6 specifies the gain drift over temperature
for each ADC channel. The gain drift includes the temperature
variation of the ADC gain, together with the temperature varia-
tion of the internal voltage reference. The value of the gain
temperature drift varies from device to device.
Because the energy calculation uses two ADC channels, one for
the current and one for the voltage, any x% drift in the gain results
in a 2x% deviation of the meter accuracy. The reference drift
resulting from temperature changes is usually very small and is
typically much smaller than the drift of other components on a
meter. As an alternative, the meter can be calibrated at multiple
temperatures.
The VA2, VB2, VC2, and VN2 voltages and the temperature
sensor use the third ADC of the ADE7933/ADE7932, so any x%
drift in the gain results in an x% deviation of these measurements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com