Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7932 Datasheet(PDF) 56 Page - Analog Devices

Part # ADE7932
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7932 Datasheet(HTML) 56 Page - Analog Devices

Back Button ADE7932 Datasheet HTML 52Page - Analog Devices ADE7932 Datasheet HTML 53Page - Analog Devices ADE7932 Datasheet HTML 54Page - Analog Devices ADE7932 Datasheet HTML 55Page - Analog Devices ADE7932 Datasheet HTML 56Page - Analog Devices ADE7932 Datasheet HTML 57Page - Analog Devices ADE7932 Datasheet HTML 58Page - Analog Devices ADE7932 Datasheet HTML 59Page - Analog Devices ADE7932 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 120 page
background image
ADE7978/ADE7933/ADE7932
Data Sheet
Rev. 0 | Page 56 of 120
ENERGY ACCUMULATION MODES
The active power is accumulated in each 32-bit watthour
accumulation register (AWATTHR, BWATTHR, CWATTHR,
AFWATTHR, BFWATTHR, and CFWATTHR) according to
the configuration of Bits[5:4] (CONSEL[1:0] bits) in the
ACCMODE register (see Table 21).
Table 21. Inputs to Watthour Accumulation Registers
CONSEL[1:0]
AWATTHR
AFWATTHR
BWATTHR
BFWATTHR
CWATTHR
CFWATTHR
00
VA × IA
VB × IB
VC × IC
01
VA × IA
VB × IB
VC × IC
VB = VA − VC1
10
Reserved
11
VA × IA
VB × IB
VC × IC
VB = −VA
1
See the BWATTHR and BFWATTHR Accumulation Register in 3-Phase, 3-Wire
Configurations section.
Depending on the polyphase meter service, choose the appro-
priate formula to calculate the active energy. The ANSI C12.10
standard defines the different configurations of the meter.
Table 22 describes which mode to choose in these various
configurations.
Table 22. Meter Form Configuration
ANSI Meter
Form
Configuration
CONSEL[1:0]
Bits
Figure
5S/13S
3-wire delta
01
Figure 105
8S/15S
4-wire delta
11
Figure 106
9S/16S
4-wire wye
00
Figure 103
Bits[1:0] (WATTACC[1:0]) in the ACCMODE register
determine how the active power is accumulated in the watthour
registers and how the CF frequency output can be generated as
a function of the total and fundamental active powers. For more
information, see the Energy-to-Frequency Conversion section.
BWATTHR and BFWATTHR Accumulation Register in
3-Phase, 3-Wire Configurations
In a 3-phase, 3-wire configuration (CONSEL[1:0] = 01), the
ADE7978 computes the rms value of the line voltage between
Phase A and Phase C and stores the result in the BVRMS register
(see the Voltage RMS in Delta Configurations section). The
Phase B current value provided after the HPF is 0; therefore,
the powers associated with Phase B are 0.
To avoid any errors in the frequency output pins (CF1, CF2, or
CF3) related to the powers associated with Phase B, disable the
contribution of Phase B to the energy-to-frequency converters
by setting the TERMSEL1[1], TERMSEL2[1], or TERMSEL3[1]
bit to 0 in the COMPMODE register (Address 0xE60E). For more
information, see the Energy-to-Frequency Conversion section.
LINE CYCLE ACTIVE ENERGY ACCUMULATION
MODE
In line cycle energy accumulation mode, the energy accumulation
is synchronized to the voltage channel zero crossings such that
active energy is accumulated over an integral number of half line
cycles. The advantage of summing the active energy over an integer
number of line cycles is that the sinusoidal component in the active
energy is reduced to 0. This eliminates any ripple in the energy
calculation and allows the energy to be accumulated accurately
over a shorter time. The line cycle energy accumulation mode
greatly simplifies the energy calibration and significantly reduces
the time required to calibrate the meter.
In line cycle energy accumulation mode, the ADE7978 transfers
the active energy accumulated in the 32-bit internal accumulation
registers to the xWATTHR or xFWATTHR registers after an
integral number of line cycles (see Figure 78). The number of half
line cycles is specified in the LINECYC register (Address 0xE60C).
ZERO-
CROSSING
DETECTION
(PHASE A)
ZERO-
CROSSING
DETECTION
(PHASE B)
CALIBRATION
CONTROL
ZERO-
CROSSING
DETECTION
(PHASE C)
LINECYC[15:0]
AWATTHR[31:0]
ZXSEL[0] IN
LCYCMODE[7:0]
ZXSEL[1] IN
LCYCMODE[7:0]
ZXSEL[2] IN
LCYCMODE[7:0]
OUTPUT
FROM
LPF2
APGAIN
AWATTOS
INTERNAL
ACCUMULATOR
THRESHOLD
32-BIT
REGISTER
WTHR
34
27 26
0
0
Figure 78. Line Cycle Active Energy Accumulation Mode
The line cycle active energy accumulation mode is activated by set-
ting Bit 0 (LWATT) in the LCYCMODE register (Address 0xE702).
The total active energy accumulated over an integer number of half
line cycles (or zero crossings) is written to the watthour accumula-
tion registers after the number of half line cycles specified by the
LINECYC register is detected. When using the line cycle accumu-
lation mode, set Bit 6 (RSTREAD) of the LCYCMODE register
to Logic 0 because a read with reset of the watthour registers
outside the LINECYC period resets the energy accumulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com