Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7932 Datasheet(PDF) 51 Page - Analog Devices

Part # ADE7932
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7932 Datasheet(HTML) 51 Page - Analog Devices

Back Button ADE7932 Datasheet HTML 47Page - Analog Devices ADE7932 Datasheet HTML 48Page - Analog Devices ADE7932 Datasheet HTML 49Page - Analog Devices ADE7932 Datasheet HTML 50Page - Analog Devices ADE7932 Datasheet HTML 51Page - Analog Devices ADE7932 Datasheet HTML 52Page - Analog Devices ADE7932 Datasheet HTML 53Page - Analog Devices ADE7932 Datasheet HTML 54Page - Analog Devices ADE7932 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 120 page
background image
Data Sheet
ADE7978/ADE7933/ADE7932
Rev. 0 | Page 51 of 120
VOLTAGE RMS IN DELTA CONFIGURATIONS
In 3-phase, 3-wire delta configurations, Phase B is considered
the ground of the system, and the Phase A and Phase C voltages
are measured relative to it (see Figure 105). This configuration
is selected by setting Bits[5:4] (CONSEL[1:0]) equal to 01 in the
ACCMODE register (Address 0xE701). Table 22 lists all config-
urations where the ADE7978 can be used.
In the 3-phase, 3-wire delta configuration (see Figure 69), all
Phase B active, reactive, and apparent powers are 0. The ADE7978
subtracts the uncompensated and unfiltered instantaneous values
of the Phase A and Phase C voltages and sends them to the
regular Phase B datapath: VB = VA − VC. The rms value of the
result—that is, the line voltage between Phase A and Phase C—
is computed and stored in the BVRMS register. The BFVRMS
register contains the rms of the fundamental component of the
BVRMS line voltage.
The BVGAIN, BPHCAL, BVRMSOS, and BFVRMSOS registers
can be used to calibrate the BVRMS and BFVRMS registers
computed in this configuration.
In 3-phase, 4-wire delta configurations, the Phase B voltage is
not sensed, and the Phase A and Phase C voltages are measured
relative to the neutral line (see Figure 106). This configuration
is selected by setting Bits[5:4] (CONSEL[1:0]) equal to 11 in the
ACCMODE register.
In the 3-phase, 4-wire delta configuration (see Figure 70), the
ADE7978 calculates the opposite of the uncompensated and
unfiltered instantaneous value of the Phase A voltage and sends
the value to the regular Phase B datapath: VB = −VA.
PHASE A
ADE7933
PHASE C
ADE7933
ADE7978
AVGAIN[23:0]
HPFEN BIT
CONFIG[4]
HPF
DIGITAL
LPF
BVGAIN[23:0]
HPFEN BIT
CONFIG[4]
HPF
CVGAIN[23:0]
HPFEN BIT
CONFIG[4]
HPF
DIGITAL
LPF
FUNDAMENTAL VOLTAGE
RMS (BFVRMS) CALCULATION
VOLTAGE RMS (BVRMS)
CALCULATION
Figure 69. Phase B Voltage Calculation in 3P3W Delta Configuration (CONSEL = 01 in the ACCMODE Register)
PHASE A
ADE7933
ADE7978
AVGAIN[23:0]
HPFEN BIT
CONFIG[4]
HPF
DIGITAL
LPF
BVGAIN[23:0]
HPFEN BIT
CONFIG[4]
HPF
FUNDAMENTAL VOLTAGE
RMS (BFVRMS) CALCULATION
VOLTAGE RMS (BVRMS)
CALCULATION
–1
Figure 70. Phase B Voltage Calculation in 3P4W Delta Configuration (CONSEL = 11 in the ACCMODE Register)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com