Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7932 Datasheet(PDF) 38 Page - Analog Devices

Part # ADE7932
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7932 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADE7932 Datasheet HTML 34Page - Analog Devices ADE7932 Datasheet HTML 35Page - Analog Devices ADE7932 Datasheet HTML 36Page - Analog Devices ADE7932 Datasheet HTML 37Page - Analog Devices ADE7932 Datasheet HTML 38Page - Analog Devices ADE7932 Datasheet HTML 39Page - Analog Devices ADE7932 Datasheet HTML 40Page - Analog Devices ADE7932 Datasheet HTML 41Page - Analog Devices ADE7932 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 120 page
background image
ADE7978/ADE7933/ADE7932
Data Sheet
Rev. 0 | Page 38 of 120
Voltage Waveform Gain Registers
There is a multiplier in the signal path of each phase voltage.
The voltage waveform can be changed by ±100% by writing
a corresponding twos complement number to the 24-bit signed
voltage waveform gain registers (AVGAIN, AV2GAIN, BVGAIN,
BV2GAIN, CVGAIN, CV2GAIN, NVGAIN, and NV2GAIN).
For example, if 0x400000 is written to these registers, the ADC
output is scaled up by 50%. To scale the output by −50%, write
0xC00000 to the registers. Equation 12 describes mathemati-
cally the function of the voltage waveform gain registers.
Voltage Waveform =
(12)
ADC Output ×


+
23
2
1
Register
Gain
Voltage
of
Contents
Changing the contents of the AVGAIN, AV2GAIN, BVGAIN,
BV2GAIN, CVGAIN, CV2GAIN, NVGAIN, or NV2GAIN
register affects all calculations based on the voltage of the
corresponding phase, including the active, reactive, and apparent
energy and the voltage rms calculations. In addition, waveform
samples scale accordingly.
The serial ports of the ADE7978 work with 32-, 16-, or 8-bit
words, whereas the DSP works with 28-bit words. Like the
xIGAIN registers shown in Figure 44, the AVGAIN, AV2GAIN,
BVGAIN, BV2GAIN, CVGAIN, CV2GAIN, NVGAIN, and
NV2GAIN registers are sign extended to 28 bits and padded
with four 0s for transmission as 32-bit registers.
Voltage Channel HPF
The ADC outputs may contain a dc offset that can create errors
in power and rms calculations. High-pass filters (HPFs) are placed
in the signal path of the phase voltages and the phase and neutral
currents. When the HPF is enabled, the filter eliminates any dc
offset on the voltage channel. All filters in both voltage and current
channels are implemented in the DSP and are enabled by default:
Bit 4 (HPFEN) of the CONFIG register (Address 0xE618) is set
to 1. All filters are disabled by setting Bit 4 (HPFEN) to 0.
Voltage Channel Sampling
The waveform samples of the voltage channels are taken at
the output of the HPF and are stored in the 24-bit signed
VAWV, VA2WV, VBWV, VB2WV, VCWV, VC2WV, VNWV,
and VN2WV registers at a rate of 8 kSPS. All power and rms
calculations remain uninterrupted during this process.
Bit 17 (DREADY) in the STATUS0 register (Address 0xE502) is
set when the VAWV, VA2WV, VBWV, VB2WV, VCWV, VC2WV,
VNWV, and VN2WV registers are available to be read using the
I2C or SPI serial port. Setting Bit 17 (DREADY) in the MASK0
register (Address 0xE50A) enables an interrupt to be set when the
DREADY flag is set. For more information about the DREADY
bit, see the Digital Signal Processor section.
In addition, if Bits[1:0] (ZX_DREADY) in the CONFIG register
are set to 00, the DREADY functionality is selected at the
ZX/DREADY pin. In this case, the pin goes low approximately
70 ns after the DREADY bit is set to 1 in the STATUS0 register.
The ZX/DREADY pin stays low for 10 µs and then returns high.
The low to high transition of the ZX/DREADY pin can be used
to initiate a burst read of the waveform sample registers. For more
information, see the I2C Burst Read Operation and the SPI Burst
Read Operation sections.
For information about using the ZX functionality at the
ZX/DREADY pin (ZX_DREADY bits in the CONFIG register
are set to 01, 10, or 11), see the Zero-Crossing Detection section.
The serial ports of the ADE7978 work with 32-, 16-, or 8-bit
words, whereas the DSP works with 28-bit words. Like the IxWV
registers shown in Figure 45, the 24-bit signed VAWV, VA2WV,
VBWV, VB2WV, VCWV, VC2WV, VNWV, and VN2WV registers
are transmitted as sign extended 32-bit registers.
The ADE7978 contains a high speed data capture (HSDC) port
that is specially designed to provide fast access to the waveform
sample registers. For more information, see the HSDC Interface
section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com