Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7932 Datasheet(PDF) 14 Page - Analog Devices

Part # ADE7932
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7932 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADE7932 Datasheet HTML 10Page - Analog Devices ADE7932 Datasheet HTML 11Page - Analog Devices ADE7932 Datasheet HTML 12Page - Analog Devices ADE7932 Datasheet HTML 13Page - Analog Devices ADE7932 Datasheet HTML 14Page - Analog Devices ADE7932 Datasheet HTML 15Page - Analog Devices ADE7932 Datasheet HTML 16Page - Analog Devices ADE7932 Datasheet HTML 17Page - Analog Devices ADE7932 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 120 page
background image
ADE7978/ADE7933/ADE7932
Data Sheet
Rev. 0 | Page 14 of 120
Parameter1
Min
Typ
Max
Unit
Test Conditions/Comments
POWER SUPPLY
For specified performance
VDD Pin
2.97
3.63
V
Minimum = 3.3 V − 10%; maximum = 3.3 V
+ 10%
IDD
12.5
19
mA
50
µA
Bit 6 (CLKOUT_DIS) and Bit 7 (ADE7933_
SWRST) in the CONFIG3 register set to 1
1
See the Terminology section for definitions of the parameters.
2
XTAL1/XTAL2 total capacitances refer to the net capacitances on each pin. Each capacitance is the sum of the parasitic capacitance at the pin and the capacitance of
the ceramic capacitor connected between the pin and GND. See the ADE7978 and ADE7933/ADE7932 Clocks section for more information.
Regulatory Approvals (Pending)
The ADE7933/ADE7932 are pending approval by the organizations listed in Table 7. See Table 12 and the Insulation Lifetime section for
more information about the recommended maximum working voltages for specific cross-isolation waveforms and insulation levels.
Table 7.
UL
CSA
VDE
Recognized under UL 1577 component
recognition program1
Approved under CSA Component Acceptance
Notice #5A
Certified according to DIN V VDE V 0884-10
(VDE V 0884-10):2006-122
Single protection, 5000 V rms isolation
voltage
Basic insulation per IEC 61010-1, 400 V rms
(564 V peak) maximum working voltage
Reinforced insulation, 846 V peak
1
In accordance with UL 1577, each ADE7933/ADE7932 is proof tested by applying an insulation test voltage ≥ 6000 V rms for 1 sec (current leakage detection limit = 10 µA).
2
In accordance with DIN V VDE V 0884-10 (VDE V 0884-10):2006-12, each ADE7933/ADE7932 is proof tested by applying an insulation test voltage ≥ 1590 V peak for 1 sec
(partial discharge detection limit = 5 pC). The asterisk (*) marking branded on the component designates DIN V VDE V 0884-10 (VDE V 0884-10):2006-12 approval.
Insulation and Safety Related Specifications
Table 8. Critical Safety Related Dimensions and Material Properties
Parameter
Symbol
Value
Unit
Test Conditions/Comments
Rated Dielectric Insulation Voltage
5000
V rms
1-minute duration
Minimum External Air Gap (Clearance)
L(I01)
8.3
mm
Measured from input terminals to output
terminals, shortest distance through air
along the PCB mounting plane, as an aid
to PCB layout
Minimum External Tracking (Creepage)
L(I02)
8.3
mm
Measured from input terminals to output
terminals, shortest distance path along body
Minimum Internal Gap (Internal Clearance)
0.017 min
mm
Insulation distance through insulation
Tracking Resistance (Comparative Tracking Index)
CTI
>600
V
IEC 60112
Isolation Group
II
Material Group DIN VDE 0110, 1/89, Table 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com