Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADE7932 Datasheet(PDF) 1 Page - Analog Devices

Part # ADE7932
Description  Isolated Energy Metering Chipset for Polyphase Shunt Meters
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7932 Datasheet(HTML) 1 Page - Analog Devices

  ADE7932 Datasheet HTML 1Page - Analog Devices ADE7932 Datasheet HTML 2Page - Analog Devices ADE7932 Datasheet HTML 3Page - Analog Devices ADE7932 Datasheet HTML 4Page - Analog Devices ADE7932 Datasheet HTML 5Page - Analog Devices ADE7932 Datasheet HTML 6Page - Analog Devices ADE7932 Datasheet HTML 7Page - Analog Devices ADE7932 Datasheet HTML 8Page - Analog Devices ADE7932 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 120 page
background image
Isolated Energy Metering Chipset
for Polyphase Shunt Meters
Data Sheet
ADE7978/ADE7933/ADE7932
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Enables shunt current sensors in polyphase energy meters
Immune to magnetic tampering
Highly accurate; supports EN 50470-1, EN 50470-3,
IEC 62053-21, IEC 62053-22, IEC 62053-23, ANSI C12.20,
and IEEE 1459 standards
Compatible with 3-phase, 3- or 4-wire (delta or wye) meters
and other 3-phase services
Computes active, reactive, and apparent energy on each
phase and on the overall system
Less than 0.2% error in active and reactive energy over
a dynamic range of 2000 to 1 at TA = 25°C
Less than 0.1% error in voltage rms over a dynamic range
of 500 to 1 at TA = 25°C
Less than 0.25% error in current rms over a dynamic range
of 500 to 1 at TA = 25°C
Power quality measurements including THD
Single 3.3 V supply
Operating temperature: −40°C to +85°C
Flexible I2C, SPI, and HSDC serial interfaces
Safety and regulatory approvals (pending)
UL recognition
5000 V rms for 1 minute per UL 1577
CSA Component Acceptance Notice #5A
IEC 61010-1: 400 V rms
VDE certificate of conformity
DIN V VDE V 0884-10 (VDE V 0884-10):2006-12
VIORM = 846 V peak
APPLICATIONS
Shunt-based polyphase meters
Power quality monitoring
Solar inverters
Process monitoring
Protective devices
Isolated sensor interfaces
Industrial PLCs
TYPICAL APPLICATION CIRCUIT
NEUTRAL
PHASE
C
ISOLATION
BARRIER
LOAD
PHASE
A
EARTH
PHASE
B
PHASE A
ADE7932/
ADE7933
IP
IM
V1P
VM
V2P
GNDMCU
GNDISO_A
3.3V
PHASE B
ADE7932/
ADE7933
IP
IM
V1P
VM
V2P
GNDMCU
GNDISO_B
3.3V
PHASE C
ADE7932/
ADE7933
IP
IM
V1P
VM
V2P
GNDMCU
GNDISO_C
3.3V
NEUTRAL
LINE
ADE7932/
ADE7933
(OPTIONAL)
IP
IM
V1P
VM
V2P
GNDMCU
GNDISO_N
3.3V
ADE7978
ENERGY
METERING
IC
GNDMCU
3.3V
3.3V
GNDMCU
I2C/HSDC OR SPI
IRQ0, IRQ1
Figure 1. 3-Phase, 4-Wire Meter with Four ADE7933/ADE7932 Devices and One ADE7978
1
Protected by U.S. Patents 5,952,849; 6,873,065; 7,075,329; 6,262,600; 7,489,526; and 7,558,080. Other patents are pending.


Similar Part No. - ADE7932

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7932 AD-ADE7932 Datasheet
2Mb / 125P
Isolated Energy Metering Chipset for Polyphase Shunt Meters
Rev. D
ADE7932ARIZ AD-ADE7932ARIZ Datasheet
2Mb / 125P
Isolated Energy Metering Chipset for Polyphase Shunt Meters
Rev. D
ADE7932ARIZ-RL AD-ADE7932ARIZ-RL Datasheet
2Mb / 125P
Isolated Energy Metering Chipset for Polyphase Shunt Meters
Rev. D
More results

Similar Description - ADE7932

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7752B AD-ADE7752B Datasheet
326Kb / 27P
Polyphase Energy Metering IC with Pulsed Output
ADE7880 AD-ADE7880 Datasheet
1Mb / 104P
Polyphase Multifunction Energy Metering IC
REV. A
ADE7752AAR AD-ADE7752AAR Datasheet
401Kb / 24P
Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7752AAR AD-ADE7752AAR Datasheet
401Kb / 24P
Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7752AARZ AD-ADE7752AARZ Datasheet
401Kb / 24P
Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7752ARZ AD-ADE7752ARZ Datasheet
401Kb / 24P
Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7752 AD-ADE7752_15 Datasheet
401Kb / 24P
Polyphase Energy Metering IC with Pulse Output
REV. C
ADE7752A AD-ADE7752A_15 Datasheet
401Kb / 24P
Polyphase Energy Metering IC with Pulse Output
REV. C
logo
Sames
SA4301A SAMES-SA4301A Datasheet
636Kb / 23P
Polyphase Energy Metering IC with Pulse Outputs
logo
Analog Devices
ADE7978 AD-ADE7978_V01 Datasheet
2Mb / 125P
Isolated Energy Metering Chipset for Polyphase Shunt Meters
Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com